Electronic Components Datasheet Search
  English  ▼

X  

MW6 Datasheet(PDF) 5 Page - Tyco Electronics

Part # MW6
Description  Microwave Switching, Hermetically Sealed, DPDT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MW6 Datasheet(HTML) 5 Page - Tyco Electronics

  MW6 Datasheet HTML 1Page - Tyco Electronics MW6 Datasheet HTML 2Page - Tyco Electronics MW6 Datasheet HTML 3Page - Tyco Electronics MW6 Datasheet HTML 4Page - Tyco Electronics MW6 Datasheet HTML 5Page - Tyco Electronics MW6 Datasheet HTML 6Page - Tyco Electronics MW6 Datasheet HTML 7Page - Tyco Electronics MW6 Datasheet HTML 8Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
Catalog 1654542
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 12-03
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
Microwave Switching, Hermetically Sealed, DPDT (Continued)
MW3 / MW4 / MW6 / MW3HP / MW4HP / MW6HP Series Relays
Enclosures
.385 (9.78)
MAX
.370 (9.40) SQ MAX
.280 (7.11)
MAX
.335 (8.51) SQ MAX
.335 (8.51) SQ MAX
.017
(0.43) DIA
+.002
-.001
.370 (9.40) SQ MAX
.017
(0.43) DIA
+.002
-.001
TERMINAL
P = .187
±.010 (4.75±.25)
A = .750 MIN (19.05)
B = 1.50 MIN (38.10)
Insertion Loss & VSWR: NO Contacts
Part Numbering System
Typical Part Number
MW4 S – 5 P
Series:
MW4 = 4 GHz. switching relay
MW4HP = High performance 4 GHz. switching relay
Coil Sensitivity:
Leave Blank = Standard Coil
S = Sensitive Coil
Coil Designator:
5 = 5VDC
6 = 6VDC†
9 = 9VDC†
12 = 12VDC
18 = 18VDC
26 = 26.5VDC
† 6 and 9 volt coil only available on high performance models.
Terminal Length:
A = 0.750 in (19.05 mm)
B = 1.50 in (38.105 mm) – only available on high performance models
P = 0.187 ± 0.010 in (4.75 ± 0.25 mm)
Header
.031
± .003 (0.79)
.035
± .010
(0.98)
.375 (9.53) SQ MAX
36
°+ 3°
.200 DIA
(5.08)
Wiring Diagram
Insertion Loss & VSWR: NC Contacts
Isolation
0.50
0.45
0.40
0.35
0.30
0.25
0.20
0.05
0.0
0.10
0.15
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
(dB)
VSWR
FREQUENCY (GHz)
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
INSERTION LOSS
VSWR
0.50
0.45
0.40
0.35
0.30
0.25
0.20
0.05
0.0
0.10
0.15
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
(dB)
VSWR
FREQUENCY (GHz)
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
INSERTION LOSS
VSWR
-50
-40
-30
-20
0
-10
(dB)
FREQUENCY (GHz)
0.5
0
0
0
1.0
1.5
2.0
2.5
3.0
3.5
4.0
ISOLATION
Test Conditions
Test Board: 0.031” double sided copper clad, PTFE based laminate.
Connections: Relay header is soldered to ground place. Relay terminals are soldered to through holes. SMA connectors are soldered to circuit traces.
Temperature: Room ambient.
Signal Strength: 0 dBm.
Notes: 1. Unused terminals were terminated with 50 ohm impedance load. 2. All readings are typical.
MW4 / MW4HP
MW4S / MW4HPS
Header and Terminal Finish:
Gold plated
Terminal View
MW4 & MW4HP Models
4 GHz. Switching



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com