Electronic Components Datasheet Search
  English  ▼

X  

LC75342M Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # LC75342M
Description  Single-Chip Volume and Tone Control System
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75342M Datasheet(HTML) 5 Page - Sanyo Semicon Device

  LC75342M Datasheet HTML 1Page - Sanyo Semicon Device LC75342M Datasheet HTML 2Page - Sanyo Semicon Device LC75342M Datasheet HTML 3Page - Sanyo Semicon Device LC75342M Datasheet HTML 4Page - Sanyo Semicon Device LC75342M Datasheet HTML 5Page - Sanyo Semicon Device LC75342M Datasheet HTML 6Page - Sanyo Semicon Device LC75342M Datasheet HTML 7Page - Sanyo Semicon Device LC75342M Datasheet HTML 8Page - Sanyo Semicon Device LC75342M Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Control System Timing and Data Format
Applications control the LC75342 and LC75342M by applying the stipulated serial data to the CL, DI, and CE pins. This
data consists of a total of 40 bits, of which 8 bits are the address and 32 bits are the data itself.
• Address code (B0 to A3)
The LC75342 and LC75342M have an 8-bit address code, and can be used together with other ICs that support the
Sanyo CCB serial bus format.
Address code
(LSB)
(82HEX)
No. 6271-5/20
LC75342, 75342M
B0
B1
B2
B3
A0
A1
A2
A3
01000001
• Control code allocation
Input switching control
(L1, L2, L3, L4, R1, R2, R3, R4)
D0
D1
D2
D3
Operation
0
0
0
0
L1 (R1) ON
1
0
0
0
L2 (R2) ON
0
1
0
0
L3 (R3) ON
1
1
0
0
L4 (R4) ON
0
0
1
0
All switches off
1
0
1
0
All switches off
0
1
1
0
All switches off
1
1
1
0
All switches off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com