Electronic Components Datasheet Search
  English  ▼

X  

LC75342M Datasheet(PDF) 7 Page - Sanyo Semicon Device

Part # LC75342M
Description  Single-Chip Volume and Tone Control System
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75342M Datasheet(HTML) 7 Page - Sanyo Semicon Device

Back Button LC75342M Datasheet HTML 3Page - Sanyo Semicon Device LC75342M Datasheet HTML 4Page - Sanyo Semicon Device LC75342M Datasheet HTML 5Page - Sanyo Semicon Device LC75342M Datasheet HTML 6Page - Sanyo Semicon Device LC75342M Datasheet HTML 7Page - Sanyo Semicon Device LC75342M Datasheet HTML 8Page - Sanyo Semicon Device LC75342M Datasheet HTML 9Page - Sanyo Semicon Device LC75342M Datasheet HTML 10Page - Sanyo Semicon Device LC75342M Datasheet HTML 11Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
No. 6271-7/20
LC75342, 75342M
Volume Control
D8
D9
D10
D11
D12
D13
D14
D15
Operation
00000000
0 dB
10000000
–1 dB
01000000
–2 dB
11000000
–3 dB
00100000
–4 dB
10100000
–5 dB
01100000
–6 dB
11100000
–7 dB
00010000
–8 dB
10010000
–9 dB
0
1
0
1
0
0
0
0
–10 dB
1
1
0
1
0
0
0
0
–11 dB
0
0
1
1
0
0
0
0
–12 dB
1
0
1
1
0
0
0
0
–13 dB
0
1
1
1
0
0
0
0
–14 dB
1
1
1
1
0
0
0
0
–15 dB
0
0
0
0
1
0
0
0
–16 dB
1
0
0
0
1
0
0
0
–17 dB
0
1
0
0
1
0
0
0
–18 dB
1
1
0
0
1
0
0
0
–19 dB
0
0
1
0
1
0
0
0
–20 dB
1
0
1
0
1
0
0
0
–21 dB
0
1
1
0
1
0
0
0
–22 dB
1
1
1
0
1
0
0
0
–23 dB
0
0
0
1
1
0
0
0
–24 dB
1
0
0
1
1
0
0
0
–25 dB
0
1
0
1
1
0
0
0
–26 dB
1
1
0
1
1
0
0
0
–27 dB
0
0
1
1
1
0
0
0
–28 dB
1
0
1
1
1
0
0
0
–29 dB
0
1
1
1
1
0
0
0
–30 dB
1
1
1
1
1
0
0
0
–31 dB
0
0
0
0
0
1
0
0
–32 dB
1
0
0
0
0
1
0
0
–33 dB
0
1
0
0
0
1
0
0
–34 dB
1
1
0
0
0
1
0
0
–35 dB
0
0
1
0
0
1
0
0
–36 dB
1
0
1
0
0
1
0
0
–37 dB
0
1
1
0
0
1
0
0
–38 dB
1
1
1
0
0
1
0
0
–39 dB
0
0
0
1
0
1
0
0
–40 dB
1
0
0
1
0
1
0
0
–41 dB
0
1
0
1
0
1
0
0
–42 dB
1
1
0
1
0
1
0
0
–43 dB
0
0
1
1
0
1
0
0
–44 dB
1
0
1
1
0
1
0
0
–45 dB
0
1
1
1
0
1
0
0
–46 dB
1
1
1
1
0
1
0
0
–47 dB
0
0
0
0
1
1
0
0
–48 dB
1
0
0
0
1
1
0
0
–49 dB
0
1
0
0
1
1
0
0
–50 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com