Electronic Components Datasheet Search
  English  ▼

X  

LC75366 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LC75366
Description  Two-Channel Electronic Volume Control
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75366 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LC75366 Datasheet HTML 1Page - Sanyo Semicon Device LC75366 Datasheet HTML 2Page - Sanyo Semicon Device LC75366 Datasheet HTML 3Page - Sanyo Semicon Device LC75366 Datasheet HTML 4Page - Sanyo Semicon Device LC75366 Datasheet HTML 5Page - Sanyo Semicon Device LC75366 Datasheet HTML 6Page - Sanyo Semicon Device LC75366 Datasheet HTML 7Page - Sanyo Semicon Device LC75366 Datasheet HTML 8Page - Sanyo Semicon Device LC75366 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
CMOS LSI
Ordering number : EN4929A
63096HA (OT)/62095HA (OT) No. 4929-1/11
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110 JAPAN
Two-Channel Electronic Volume Control
LC75366, 75366M
Overview
The LC75366 (DIP20) and the LC75366M (MFP20) are
electronic volume controls that can be controlled by serial
input data and provide volume, balance and loudness
functions.
Features
• Silicon gate CMOS process for low switching noise
Functions
• Volume: 0 dB to –68 dB (in 2 dB steps) and –
∞;
36 positions.
A balance function can be implemented by controlling
the left and right channel volume settings independently.
• Loudness: Taps are provided at the –20 dB positions in
the 10 dB step resistor ladder used by the volume
control function. A loudness function can be
implemented by attaching external RC circuits at these
tap points.
• An address selection pin (the S pin) allows two
LC75366 chips to be used on the same bus.
• Serial data input: Supports CCB* format communication
with the system controller.
Package Dimensions
unit: mm
3021B-DIP20
• CCB is a trademark of SANYO ELECTRIC CO., LTD.
• CCB is SANYO’s original bus format and all the bus
addresses are controlled by SANYO.
unit: mm
3036B-MFP20
Specifications
Absolute Maximum Ratings at Ta = 25°C, VSS = 0 V
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VDD max
VDD
12
V
Maximum input voltage
VIN max1
CL, DI, CE, S
VSS – 0.3 to VDD + 0.3
V
VIN max2
L10dBIN, L2dBIN, R10dBIN, R2dBIN
VSS – 0.3 to VDD + 0.3
V
Allowable power dissipation
Pd max
Ta
≤ 85°C
140
mW
Operating temperature
Topr
–40 to +85
°C
Storage temperature
Tstg
–50 to +125
°C
[LC75366]
SANYO: DIP20
SANYO: MFP20
[LC75366M]


Similar Part No. - LC75366

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC7536LHS SANYO-LC7536LHS Datasheet
126Kb / 6P
High-voltage, Two-channel Electronic Attenuator?
LC7536M SANYO-LC7536M Datasheet
107Kb / 10P
Serially Controlled Electronic Volume Control that Handles High Voltages
LC7536R SANYO-LC7536R Datasheet
111Kb / 6P
High Breakdown Voltage Serial Control Electronic Volume Control
More results

Similar Description - LC75366

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC9210P TOSHIBA-TC9210P Datasheet
325Kb / 9P
ELECTRONIC VOLUME CONTROL IC
TC9299P TOSHIBA-TC9299P Datasheet
251Kb / 7P
ELECTRONIC VOLUME CONTROL IC
logo
Samsung semiconductor
KA2250 SAMSUNG-KA2250 Datasheet
196Kb / 8P
DUAL ELECTRONIC VOLUME CONTROL
logo
Sanyo Semicon Device
LC7533 SANYO-LC7533 Datasheet
87Kb / 3P
3V Electronic Volume Control
logo
Sony Corporation
CXA1846AM SONY-CXA1846AM Datasheet
161Kb / 10P
Electronic volume control
CXA1846M SONY-CXA1846M Datasheet
133Kb / 10P
Electronic volume control
logo
Toshiba Semiconductor
TC9459N TOSHIBA-TC9459N Datasheet
417Kb / 12P
ELECTRONIC VOLUME CONTROL
logo
Samsung semiconductor
S5A2250A01 SAMSUNG-S5A2250A01 Datasheet
132Kb / 12P
DUAL ELECTRONIC VOLUME CONTROL
logo
ON Semiconductor
LC75344MD ONSEMI-LC75344MD Datasheet
154Kb / 13P
Two-Channel Electronic Volume Control System
May, 2014
logo
SHENZHEN FUMAN ELECTRON...
SC2256B FUMAN-SC2256B Datasheet
427Kb / 8P
Electronic volume control circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com