Electronic Components Datasheet Search
  English  ▼

X  

LC75366 Datasheet(PDF) 10 Page - Sanyo Semicon Device

Part # LC75366
Description  Two-Channel Electronic Volume Control
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75366 Datasheet(HTML) 10 Page - Sanyo Semicon Device

Back Button LC75366 Datasheet HTML 3Page - Sanyo Semicon Device LC75366 Datasheet HTML 4Page - Sanyo Semicon Device LC75366 Datasheet HTML 5Page - Sanyo Semicon Device LC75366 Datasheet HTML 6Page - Sanyo Semicon Device LC75366 Datasheet HTML 7Page - Sanyo Semicon Device LC75366 Datasheet HTML 8Page - Sanyo Semicon Device LC75366 Datasheet HTML 9Page - Sanyo Semicon Device LC75366 Datasheet HTML 10Page - Sanyo Semicon Device LC75366 Datasheet HTML 11Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Loudness Function External Circuit Constant Calculation Example
First, refer to the LC75366 and LC75366M 10 dB step internal equivalent circuit shown on page 5. Figure 1 below
shows this circuit simplified with the external components used for the loudness function connected for this calculation.
The sample calculation below uses this diagram to acquire a 5 dB boost at f = 100 Hz.
(f = 100 Hz, 5 dB boost)
Let R and C in Figure 1 be:
R1 = R2 = 10 k
Ω
R3 = 1 k
Ω
C1 = Z1, C2 = Z2
Then:
Solving the above equations gives:
Z1
≠ 178.3 kΩ and Z2 = 176 Ω
No. 4929-10/11
LC75366, 75366M
VOUT =
(at = 1 kHz)
+
R2 (R3 + Z2)
R2 + R3 + Z2
= –20 dB
R1 · Z1
R1 + Z1
R2 (R3 + Z2)
R2 + R3 + Z2
VOUT =
(at = 100 Hz)
+
= –15 dB
R1 · 10 · Z1
R1 + 10 · Z1
R2 (R3 + 10 · Z2)
R2 + R3 + 10 · Z2
R2 (R3 + 10 · Z2)
R2 + R3 + 10 · Z2



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com