Electronic Components Datasheet Search
  English  ▼

X  

SMGA Datasheet(PDF) 1 Page - Tyco Electronics

Part # SMGA
Description  GRID SURFACE MOUNT HIGH-PERFORMANCE 20
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SMGA Datasheet(HTML) 1 Page - Tyco Electronics

  SMGA Datasheet HTML 1Page - Tyco Electronics SMGA Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Tyco Electronics Corporation www.tycoelectronics.com 800-522-6752 (U.S.A.) or 717-564-0100 Specifications subject to change. CII and TYCO are trademarks. ©2003 by Tyco Electronics Corporation
SMGA
STANDARD .100 GRID
SURFACE MOUNT HIGH-PERFORMANCE
RELAY
DESIGNED TO
MIL-R-39016/17
FEATURES
Hermetically sealed
High shock & vibration ratings
Surface mount leads
Excellent RF switching
SMGAD
STANDARD .100 GRID
DIODE SUPPRESSED SURFACE MOUNT HIGH-
PERFORMANCE RELAY
DESIGNED TO
MIL-R-39016/18
FEATURES
Suppression diode
Hermetically sealed
High shock & vibration ratings
Surface mount leads
Excellent RF switching
SMGADD
STANDARD .100 GRID DIODE
SUPPRESSED/PROTECTED SURFACE MOUNT
HIGH-PERFORMANCE RELAY
DESIGNED TO
MIL-R-39016/19
FEATURES
Suppression & protection diodes
Hermetically sealed
High shock & vibration ratings
Surface mount leads
Excellent RF switching
.100
(2.54)
TYP
8 PLS
.031± .003
(0.79)
.035± .010
(0.98)
REF
.378 +.030/–.020
(9.60) TYP
.375 (9.53)
SQ MAX
±4° TYP
20
X2
A2
B2
A1
B1
A3
B3
X1
+
X1
A2
B2
A1
B1
A3
B3
X2
X2
A2
B2
A1
B1
A3
B3
X1
+
CONTACT RATINGS
CONTACT
TYPE
OPERATIONS
LOAD
MIN.
1.0 A @ 28 Vdc
Resistive
100,000
250 mA @ 115 Vac, 60 Hz & 400 Hz
Resistive (case not grounded)
100,000
100 mA @ 115 Vac, 60 Hz & 400 Hz
Resistive
100,000
0.2 A @ 28 Vdc
Inductive (0.32 Henry)
100,000
0.1 A @ 28 Vdc
Lamp
100,000
30 µA @ 50 mVdc
Low Level
1,000,000
0.1 A @ 28 Vdc
Intermediate Current
50,000
ELECTRICAL CHARACTERISTICS
CONTACT ARRANGEMENT
2 Form C (DPDT)
CONTACT MATERIAL
Stationary:
Gold/platinum/palladium/silver
(gold plated)
Moveable:
Gold/platinum/palladium/silver
(gold plated)
CONTACT RESISTANCE
Before Life: 100 milliohms max.
(measured @ 10 mA @ 6 Vdc)
After Life: 200 milliohms max.
(measured @ 1 A @ 28 Vdc)
MECHANICAL LIFE EXPECTANCY
1 million operations
COIL VOLTAGE
5 to 26.5 Vdc
COIL POWER
660 mW max. @ 25°C
DUTY CYCLE
Continuous
PICK-UP VOLTAGE
Approximately 50% of
nominal coil voltage
PICK-UP SENSITIVITY
130 mW max. @ 25°C
ENCLOSURE
HEADER
SMGA SMGAD SMGADD
.280 (7.11)
MAX
.335 (8.51) SQ MAX
.360 (9.14)
MAX
2
° ±2° TYP
TERMINAL VIEW
TERMINAL VIEW
TERMINAL VIEW


Similar Part No. - SMGA

ManufacturerPart #DatasheetDescription
logo
Mobile Mark, Inc.
SMG MOBILEMARK-SMG Datasheet
593Kb / 1P
LOW PROFILE IoT MIMO ANTENNA
11/2024
SMG MOBILEMARK-SMG Datasheet
593Kb / 1P
LOW PROFILE IoT MIMO ANTENNA
11/2024
SMG MOBILEMARK-SMG Datasheet
593Kb / 1P
LOW PROFILE IoT MIMO ANTENNA
11/2024
logo
SeCoS Halbleitertechnol...
SMG 2398 SECOS-SMG 2398 Datasheet
145Kb / 2P
N-Channel Enhancement Mode Mos.FET
logo
Mobile Mark, Inc.
SMG-1575 MOBILEMARK-SMG-1575 Datasheet
325Kb / 1P
MULTIBAND SURFACE MOUNT ANTENNA
5/2022
More results

Similar Description - SMGA

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSMX-S660 HP-HSMX-S660 Datasheet
205Kb / 11P
High Performance Surface Mount Chip LEDs
logo
Tyco Electronics
MGA MACOM-MGA Datasheet
96Kb / 2P
GRID HIGH-PERFORMANCE RELAYS
MGS MACOM-MGS Datasheet
96Kb / 2P
GRID HIGH-PERFORMANCE RELAYS
SMGS MACOM-SMGS Datasheet
78Kb / 2P
GRID SURFACE MOUNT HIGH-PERFORMANCE
logo
Bi technologies
HM72E-12 BITECH-HM72E-12 Datasheet
425Kb / 2P
High Power High Performance Molded Surface Mount Inductors
HA72T BITECH-HA72T Datasheet
536Kb / 2P
High Power High Performance Molded Surface Mount Inductors
logo
TT Electronics.
HM72E-12 TTELEC-HM72E-12 Datasheet
443Kb / 2P
High Power High Performance Molded Surface Mount Inductors
logo
Broadcom Corporation.
HSMC-C170-T0000 BOARDCOM-HSMC-C170-T0000 Datasheet
1Mb / 10P
High Performance Surface Mount ChipLED
HSML-C170-T0000 BOARDCOM-HSML-C170-T0000 Datasheet
1Mb / 10P
High Performance Surface Mount ChipLED
HSML-C191-T0000 BOARDCOM-HSML-C191-T0000 Datasheet
1Mb / 10P
High Performance Surface Mount ChipLED
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com