Electronic Components Datasheet Search
  English  ▼

X  

SMGA Datasheet(PDF) 2 Page - Tyco Electronics

Part # SMGA
Description  GRID SURFACE MOUNT HIGH-PERFORMANCE 20
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SMGA Datasheet(HTML) 2 Page - Tyco Electronics

  SMGA Datasheet HTML 1Page - Tyco Electronics SMGA Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Tyco Electronics Corporation www.tycoelectronics.com 800-522-6752 (U.S.A.) or 717-564-0100 Specifications subject to change. CII and TYCO are trademarks. ©2003 by Tyco Electronics Corporation
21
OPERATING CHARACTERISTICS
TIMING
OperateTime:
2.0 ms max.
ReleaseTime:
SMGA: 1.5 ms max.
SMGAD/SMGADD: 4.0 ms max.
(suppression diode, protection/sup-
pression diodes)
CONTACT BOUNCE
1.5 ms max.
DIELECTRIC WITHSTANDING VOLTAGE
Between Open Contacts:
500 Vrms 60 Hz
Between Adjacent Contacts:
500 Vrms 60 Hz
Between Contacts & Coil:
500 Vrms 60 Hz
INSULATION RESISTANCE
10,000 megohms min. @ 500 Vdc
1,000 megohms @ 500 Vdc
(coil to case @ +125°C)
ENVIRONMENTAL CHARACTERISTICS
TEMPERATURE RANGE
-65°C to +125°C
WEIGHT
0.09 oz. (2.55 gms)
VIBRATION RESISTANCE
30 G’s, 10 to 3,000 Hz
SHOCK RESISTANCE
75 G’s, 6 ±1 ms max.
SEMICONDUCTOR CHARACTERISTICS
DIODE
100 Vdc peak inverse voltage (PIV)
1.0 Vdc max. transient voltage
.100
(2.54)
4 PLCS
.045
(1.14) MIN.
8 PLCS
.410 (10.41) MIN
.410 (10.41)
MIN
.200
(5.08)
.200 (5.08)
RECOMMENDED SOLDER PAD LAYOUT
COIL DATA
NOM.
COIL
COIL CIRCUIT
COIL CIRCUIT
PICKUP
PICKUP
DROP-OUT
DROP-OUT
NOM. COIL
MAX.
COIL
COIL
RESISTANCE
CURRENT
CURRENT
VOLTAGE
VOLTAGE
VOLTAGE
VOLTAGE
POWER
COIL
DESIG.
VOLTAGE
IN OHMS
mA (MAX.)
mA (MIN.)
Vdc (MAX.)
Vdc (MAX.)
Vdc (MIN.)
Vdc (MIN.)
(mW)
VOLTAGE
(Vdc)
±10% @ 25°C
@ 25°C
@ 125°C
@ 25°C
@ -65°C
@ 25°C
(Note)
(Note)
(Note)
SMGA/SMGAD
5.0
50
n/a
n/a
2.7
3.5
0.22
0.14
500
5.8
5
6.0
98
n/a
n/a
3.5
4.5
0.28
0.18
367
8.0
6
9.0
220
n/a
n/a
5.3
6.8
0.54
0.35
368
12.0
9
12.0
390
n/a
n/a
7.0
9.0
0.63
0.41
369
16.0
12
18.0
880
n/a
n/a
10.5
13.5
0.91
0.59
368
24.0
18
26.5
1,560
n/a
n/a
14.2
18.0
1.37
0.89
450
32.0
26
SMGADD
5.0
39
128.2
93.2
3.2
4.0
0.6
0.6
641
5.8
5
6.0
78
78.3
58.3
4.0
5.0
0.7
0.7
462
8.0
6
9.0
220
42.9
33.0
6.3
7.8
0.9
0.8
368
12.0
9
12.0
390
32.8
25.6
8.0
10.0
1.1
0.9
369
16.0
12
18.0
880
22.1
17.5
11.5
14.5
1.4
1.1
368
24.0
18
26.5
1,560
18.5
14.8
15.2
19.0
1.8
1.4
450
32.0
26
Note: Coil resistance not directly measurable. Coil current should be within limits shown when tested at nominal voltage at 25°C for 5 seconds max.
SPECIFYING A PART NUMBER EXAMPLE
:
TYPE
COILS
SMGA
-26



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com