Electronic Components Datasheet Search
  English  ▼

X  

SR2M Datasheet(PDF) 1 Page - Tyco Electronics

Part # SR2M
Description  Safety Relay SR2M
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SR2M Datasheet(HTML) 1 Page - Tyco Electronics

  SR2M Datasheet HTML 1Page - Tyco Electronics SR2M Datasheet HTML 2Page - Tyco Electronics SR2M Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Datasheet
Rev. EK1
Issued 2005/11
www.tycoelectronics.com
www.schrackrelays.com
Dimensions are in mm unless
otherwise specified and are
shown for reference purposes
only.
Product specification
according to IEC 61810-1.
Product data, technical para-
meters, test conditions and
processing information
only to be used together
with the 'Definitions' at
schrackrelays.com in the
‘Schrack’ section.
Specifications subject to
change.
General Purpose Relays
1
Safety Relay SR2M
Approvals
V REG.-Nr. 116064, Z E214024, T 968/EZ 111.00/01
Technical data of approved types on request
Contact data
Contact configuration
1 NO contact and 1 NC contact
or
2 CO contacts 1)
Contact set
single contact, forcibly guided
1 NC + 1NO: type A according to EN 50205
2 CO: type B according to EN 50205
Type of interruption
micro disconnection
Rated current
6 A
Rated voltage / max.switching voltage AC
240 / 400 VAC
Maximum breaking capacity AC
1500 VA
Utilization class (AC-15) acc. IEC 60947-5-1
NO contact
Ie 3A/Ue 250 VAC (inrush 30 A)
NC contact
Ie 1.5A/Ue 250 VAC (inrush 15 A)
Contact material
AgNi
Minimum contact load
10 mA / 5 V
Contact resistance
w 100 mOhm / 1 A / 24 VDC
w 20 Ohm / 10 mA / 5 VDC
Mechanical endurance
10x106 cycles
Rated frequency of operation with / without load
6 min-1 / 300 min-1
1) According EN50205 only 1NO / 1NC (11-14 and 22-21 or 12-11 and 21-24) shall be used as forcibly
guided contacts.
Coil data
Rated coil voltage range DC coil
5...110 VDC
Coil power DC coil
appr. 700 mW
Operative range
2
Coil versions, DC-coil
Coil
Rated
Operate
Release
Coil
Rated coil
code
voltage
voltage
voltage
resistance
power
VDC
VDC
VDC
Ohm
mW
005
5
3.8
0.5
35,7+10%
700
006
6
4.5
0.6
51+10%
706
009
9
6.8
0.9
116+10%
698
012
12
9.0
1.2
206+10%
699
018
18
13.5
1.8
483+10%
671
021
21
15.8
2.1
630+10%
700
024
24
18.0
2.4
823+10%
700
036
36
27.0
3.6
1851+10%
700
040
40
30.0
4.0
2286+10%
700
048
48
36.0
4.8
3291+12%
700
060
60
45.0
6.0
5142+12%
700
080
80
64.0
8.5
9143+12%
700
110
110
82.5
11.0
17285+12%
700
All figures are given for coil without preenergization, at ambient temperature +23°C
Other coil voltages on request
I 2 pole safety relay with either 1NO+1NC or 2CO contacts
I Forcibly guided contacts according to EN 50205
I Rated current 6 A
I 6 kV surge resistance between poles
I RoHS compliant (Directive 2002/95/EC)
as per product date code 0407
Applications
Emergency shut-off, machine control, elevator and escalator
control, light barrier control
F0188-C


Similar Part No. - SR2M

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SR2M EIC-SR2M Datasheet
48Kb / 2P
SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Tyco Electronics
SR2M MACOM-SR2M Datasheet
205Kb / 3P
General Purpose Relays
logo
SynSemi, Inc.
SR2M SYNSEMI-SR2M Datasheet
40Kb / 2P
SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Tyco Electronics
SR2M MACOM-SR2M Datasheet
227Kb / 3P
Safety Relay SR2M
logo
EIC discrete Semiconduc...
SR2M EIC-SR2M Datasheet
56Kb / 2P
SURFACE MOUNT FAST RECOVERY RECTIFIER
More results

Similar Description - SR2M

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SR2M MACOM-SR2M_09 Datasheet
227Kb / 3P
Safety Relay SR2M
RT78724 MACOM-RT78724 Datasheet
212Kb / 3P
Accessories Industrial Power Relay RT / RP / SR2M
RT17016 MACOM-RT17016 Datasheet
201Kb / 4P
Accessories Industrial Power Relay RT / RP / SR2M
2-1393258-0 MACOM-2-1393258-0 Datasheet
612Kb / 3P
Force Guided Relay SR2M
2-1415012-1 MACOM-2-1415012-1 Datasheet
612Kb / 3P
Force Guided Relay SR2M
2-1419108-1 MACOM-2-1419108-1 Datasheet
201Kb / 4P
Accessories Industrial Power Relay RT / RP / SR2M
2-1419108-2 MACOM-2-1419108-2 Datasheet
207Kb / 4P
Accessories Industrial Power Relay RT / RP / SR2M
2-1419108-3 MACOM-2-1419108-3 Datasheet
201Kb / 4P
Accessories Industrial Power Relay RT / RP / SR2M
logo
Hongfa Technology
HFA4 HONGFA-HFA4 Datasheet
104Kb / 4P
SAFETY RELAY
HFA6 HONGFA-HFA6 Datasheet
82Kb / 4P
SAFETY RELAY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com