Electronic Components Datasheet Search
  English  ▼

X  

SR2M Datasheet(PDF) 3 Page - Tyco Electronics

Part # SR2M
Description  Safety Relay SR2M
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SR2M Datasheet(HTML) 3 Page - Tyco Electronics

  SR2M Datasheet HTML 1Page - Tyco Electronics SR2M Datasheet HTML 2Page - Tyco Electronics SR2M Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Datasheet
Rev. EK1
Issued 2005/11
www.tycoelectronics.com
www.schrackrelays.com
Dimensions are in mm unless
otherwise specified and are
shown for reference purposes
only.
Product specification
according to IEC 61810-1.
Product data, technical para-
meters, test conditions and
processing information
only to be used together
with the 'Definitions' at
schrackrelays.com in the
‘Schrack’ section.
Specifications subject to
change.
General Purpose Relays
3
Safety Relay SR2M (Continued)
Product key
Version
Contact material
Configuration
Coil
Part number
V23047-A1005-A501
standard
AgNi
2 CO contacts
5 VDC
0-1393258-2
V23047-A1005-A511
wash tight
1 NO + 1 NC
5 VDC
7-1415006-1
V23047-A1006-A501
2 CO contacts
6 VDC
3-1415011-1
V23047-A1006-A511
1 NO + 1 NC
6 VDC
6-1415011-1
V23047-A1009-A501
2 CO contacts
9 VDC
0-1393258-3
V23047-A1009-A511
1 NO + 1 NC
9 VDC
7-1415011-1
V23047-A1012-A501
2 CO contacts
12 VDC
0-1393258-4
V23047-A1012-A511
1 NO + 1 NC
12 VDC
0-1393258-5
V23047-A1018-A501
2 CO contacts
18 VDC
0-1393258-8
V23047-A1018-A511
1 NO + 1 NC
18 VDC
0-1393258-9
V23047-A1021-A501
2 CO contacts
21 VDC
1-1393258-1
V23047-A1021-A511
1 NO + 1 NC
21 VDC
1-1393258-2
V23047-A1024-A501
2 CO contacts
24 VDC
1-1393258-5
V23047-A1024-A511
1 NO + 1 NC
24 VDC
1-1393258-7
V23047-A1036-A501
2 CO contacts
36 VDC
2-1393258-0
V23047-A1036-A511
1 NO + 1 NC
36 VDC
8-1415011-1
V23047-A1040-A501
2 CO contacts
40 VDC
2-1393258-1
V23047-A1040-A511
1 NO + 1 NC
40 VDC
2-1393258-2
V23047-A1048-A501
2 CO contacts
48 VDC
3-1415006-1
V23047-A1048-A511
1 NO + 1 NC
48 VDC
9-1415011-1
V23047-A1060-A511
60 VDC
2-1393258-3
Product key
V 23047 - A 1
- A 5
Type
Version
A1 standard
Coil
Coil code = rated coil voltage (e.g. 024=24VDC)
Contact set
A
single contact
Contact material
5
AgNi
Contact configuration
01 2 CO contacts
11 1 NO and 1 NC contact
Other types on request



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com