Electronic Components Datasheet Search
  English  ▼

X  

33882 Datasheet(PDF) 14 Page - Freescale Semiconductor, Inc

Part # 33882
Description  Six-Output Low-Side Switch
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33882 Datasheet(HTML) 14 Page - Freescale Semiconductor, Inc

Back Button 33882 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33882 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33882 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33882 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33882 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33882 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33882 Datasheet HTML 16Page - Freescale Semiconductor, Inc 33882 Datasheet HTML 17Page - Freescale Semiconductor, Inc 33882 Datasheet HTML 18Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
Analog Integrated Circuit Device Data
14
Freescale Semiconductor
33882
ELECTRICAL CHARACTERISTICS
TIMING DIAGRAMS
Figure 6. Short Occurring While On, Ending During Retry (ILOAD = 1.0 A)
Figure 7. Short Occurring While On, Ending During Refresh (ILOAD = 20 mA)
GATE X = COMMAND SIGNAL AT THE GATE OF DRIVER X
FAULT BIT X = INTERNAL FAULT REGISTER BIT STATE
TREF x = FIRST REFRESH TIME MAY BE LESS THAN TREF
ILOAD = 1A
NORMAL OPERATION
INPUT X
GATE X
IOUT X
FAULT BIT X
FAULT
FAULT
ILOAD
0A
TREF
TREF
TREF
TREF
IDLIM
TSSA
ON
OFF
SHORTED LOAD / SHORT - TO - VBAT
5V
0V
SHORT OCCURS WHILE ON, ENDS DURING RETRY
INPUT X
GATE X
IOUT X
FAULT BIT X
IDLIM
ILOAD
0A
ON
OFF
5V
0V
CSB
TSSD
TSSD
Gate X = Command Signal at the Gate of Driver X
Fault Bit X = Internal Fault Register Bit State
tREF X = First Refresh Time may be less than tREF
ILOAD = 1.0 A
Input X
Gate X
IOUT X
5.0 V
0 V
ON
ILOAD
0 A
IO(LIM)
Fault Bit X
Input X
Gate X
IOUT X
5.0 V
0 V
ON
ILOAD
0 A
IO(LIM)
Fault Bit X
OFF
CB
Shorted Load/Short-to-VPWR
tSSD
tREF
tREF
tSSD
tSSA
tREF
tREF
Fault
Fault
Shorted
Operation
Normal
Operation
OFF
GATE X = COM MAND SIGNAL AT THE GATE OF DRIVER X
FAULT BIT X = INTERNAL FAULT REGISTER BIT STATE
TREF x = FIRST REFRESH TIME MAY BE LESS THAN TREF
ILOAD = 20mA
NORMAL OPERATION
INPUT X
GATE X
IOUT X
FAULT BIT X
FAULT
FAULT
ILOAD
0A
TREF
TR EF
TREF
TREF
IDLIM
TSSD
ON
OFF
SHORTED LOAD / SHORT - TO - VBAT
5V
0V
SHORT OCCURS WHILE ON, ENDS DURING REFRESH
INPUT X
GATE X
IOUT X
FAULT BIT X
IDLIM
ILOAD
0A
ON
OFF
5V
0V
CSB
TSSA
Input X
Gate X
IOUT X
5.0 V
0 V
ON
ILOAD
0 A
IO(LIM)
Fault Bit X
OFF
Input X
Gate X
IOUT X
5.0 V
0 V
ON
ILOAD
0 A
IO(LIM)
Fault Bit X
OFF
CB
Shorted Load/Short-to-VPWR
Gate X = Command Signal at the Gate of Driver X
Fault Bit X = Internal Fault Register Bit State
tREF X = First Refresh Time may be less than tREF
ILOAD = 20 mA
Fault
Fault
tREF
tREF
tREF
tREF
tSSA
tSSD
Normal
Operation
Shorted
Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com