Electronic Components Datasheet Search
  English  ▼

X  

33886 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # 33886
Description  5.0 A H-Bridge
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33886 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  33886 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33886 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33886 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33886 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33886 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33886 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33886 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33886 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33886 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
Analog Integrated Circuit Device Data
4
Freescale Semiconductor
33886
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
Table 2. Maximum Ratings
All voltages are with respect to ground unless otherwise noted. Exceeding these ratings may cause a malfunction or
permanent damage to the device.
Rating
Symbol
Value
Unit
Supply Voltage
V+
40
V
Input Voltage (1)
VIN
-0.1 to 7.0
V
FS Status Output (2)
V FS
7.0
V
Continuous Current (3)
IOUT
5.0
A
ESD Voltage for DH Package
Human Body Model (4)
Machine Model (5)
VESD1
VESD2
±2000 (6)
±200
V
ESD Voltage for VW Package
Human Body Model (4)
Machine Model (5)
VESD1
VESD2
±2000
±200
V
Storage Temperature
TSTG
-65 to 150
°C
Ambient Operating Temperature (7)
TA
-40 to 125
°C
Operating Junction Temperature
TJ
-40 to 150
°C
Peak Package Reflow Temperature During Reflow (8), (9)
TPPRT
Note 8.
°C
Approximate Junction-to-Board Thermal Resistance (and Package
Dissipation = 6.0 W) (10)
RθJB
~5.0
°C/W
Notes
1.
Exceeding the input voltage on IN1, IN2, D1, or D2 may cause a malfunction or permanent damage to the device.
2.
Exceeding the pull-up resistor voltage on the open drain FS pin may cause permanent damage to the device.
3.
Continuous current capability so long as junction temperature is
≤ 150
°C.
4.
ESD1 testing is performed in accordance with the Human Body Model (CZAP = 100 pF, RZAP = 1500 Ω).
5.
ESD2 testing is performed in accordance with the Machine Model (CZAP = 200 pF, RZAP = 0 Ω).
6.
All pins are capable of Human Body Model ESD voltages of ±2000 V with two exceptions pertaining only to the DH suffix package: (1) D2
to PGND is capable of ±1500 V and (2) OUT1 to AGND is capable of ±1000 V.
7.
The limiting factor is junction temperature, taking into account the power dissipation, thermal resistance, and heatsinking.
8.
Pin soldering temperature limit is for 10 seconds maximum duration. Not designed for immersion soldering. Exceeding these limits may
cause malfunction or permanent damage to the device.
9.
Freescale’s Package Reflow capability meets Pb-free requirements for JEDEC standard J-STD-020C. For Peak Package Reflow
Temperature and Moisture Sensitivity Levels (MSL),
Go to www.freescale.com, search by part number [e.g. remove prefixes/suffixes and enter the core ID to view all orderable parts. (i.e.
MC33xxxD enter 33xxx), and review parametrics.
10.
Exposed heatsink pad plus the power and ground pins comprise the main heat conduction paths. The actual RθJB (junction-to-PC board)
values will vary depending on solder thickness and composition and copper trace.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com