Electronic Components Datasheet Search
  English  ▼

X  

33886 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # 33886
Description  5.0 A H-Bridge
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33886 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button 33886 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33886 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33886 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33886 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33886 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33886 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33886 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33886 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33886 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
7
33886
ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
Table 4. Dynamic Electrical Characteristics
Characteristics noted under conditions 5.0 V ≤ V+ ≤ 28 V and -40
°C ≤ T
A ≤ 125°C unless otherwise noted. Typical values noted
reflect the approximate parameter mean at TA = 25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
TIMING CHARACTERISTICS
PWM Frequency (21)
fPWM
–
–
10
kHz
Maximum Switching Frequency During Active Current Limiting (22)
fMAX
–
–
20
kHz
Output ON Delay (23)
V+ = 14 V
td(ON)
–
–
18
µs
Output OFF Delay (23)
V+ = 14 V
td(OFF)
–
–
18
µs
Output Rise and Fall Time (24)
V+ = 14 V, IOUT = 3.0 A
tf, tr
2.0
5.0
8.0
µs
Output Latch-OFF Time
ta
15
20.5
26
µs
Output Blanking Time
tb
12
16.5
21
µs
Output FET Body Diode Reverse Recovery Time (25)
trr
100
–
–
ns
Disable Delay Time (26)
td(disable)
–
–
8.0
µs
Short Circuit/Overtemperature Turn-OFF Time (27)
tFAULT
–
4.0
–
µs
Power-OFF Delay Time
tpod
–
1.0
5.0
ms
Notes
21.
The outputs can be PWM controlled from an external source. This is typically done by holding one input high while applying a PWM
pulse train to the other input. The maximum PWM frequency obtainable is a compromise between switching losses and switching
frequency. Refer to Typical Switching Waveforms, Figures 10 through 17, pp. 10–11.
22.
The Maximum Switching Frequency during active current limiting is internally implemented. The internal control produces a constant
OFF-time PWM of the output. The output load current effects the Maximum Switching Frequency.
23.
Output Delay is the time duration from the midpoint of the IN1 or IN2 input signal to the 10% or 90% point (dependent on the transition
direction) of the OUT1 or OUT2 signal. If the output is transitioning High-to-Low, the delay is from the midpoint of the input signal to the
90% point of the output response signal. If the output is transitioning Low-to-High, the delay is from the midpoint of the input signal to
the 10% point of the output response signal. See Figure 4, page 8.
24.
Rise Time is from the 10% to the 90% level and Fall Time is from the 90% to the 10% level of the output signal. See Figure 6, page 8.
25.
Parameter is guaranteed by design but not production tested.
26.
Disable Delay Time is the time duration from the midpoint of the D (disable) input signal to 10% of the output tri-state response. See
Figure 5, page 8.
27.
Increasing currents will become limited at ILIM. Hard shorts will breach the ISCH or ISCL limit, forcing the output into an immediate tri-
state latch-OFF. See Figures 8 and 9, page 9. Active current limiting will cause junction temperatures to rise. A junction temperature
above 160
°C will cause the active current limiting to progressively “fold-back” (or decrease) to 2.5 A typical at 175°C where thermal
latch-OFF will occur. See Figure 7, page 8.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com