Electronic Components Datasheet Search
  English  ▼

X  

33981 Datasheet(PDF) 33 Page - Freescale Semiconductor, Inc

Part # 33981
Description  Single High Side Switch
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33981 Datasheet(HTML) 33 Page - Freescale Semiconductor, Inc

Back Button 33981_09 Datasheet HTML 29Page - Freescale Semiconductor, Inc 33981_09 Datasheet HTML 30Page - Freescale Semiconductor, Inc 33981_09 Datasheet HTML 31Page - Freescale Semiconductor, Inc 33981_09 Datasheet HTML 32Page - Freescale Semiconductor, Inc 33981_09 Datasheet HTML 33Page - Freescale Semiconductor, Inc 33981_09 Datasheet HTML 34Page - Freescale Semiconductor, Inc 33981_09 Datasheet HTML 35Page - Freescale Semiconductor, Inc 33981_09 Datasheet HTML 36Page - Freescale Semiconductor, Inc 33981_09 Datasheet HTML 37Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 33 / 37 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
33
33981
ADDITIONAL DOCUMENTATION
THERMAL ADDENDUM (REV 2.0)
ADDITIONAL DOCUMENTATION
THERMAL ADDENDUM (REV 2.0)
INTRODUCTION
This thermal addendum is provided as a supplement to the 33981 technical
datasheet. The addendum provides thermal performance information that may be
critical in the design and development of system applications. All electrical,
application, and packaging information is provided in the datasheet.
PACKAGING AND THERMAL CONSIDERATIONS
This package is a dual die package. There are two heat sources in the package
independently heating with P1 and P2. This results in two junction temperatures,
TJ1 and TJ2, and a thermal resistance matrix with RθJAmn.
For m, n = 1, R
θJA11 is the thermal resistance from Junction 1 to the reference
temperature while only heat source 1 is heating with P1.
For m = 1, n = 2, R
θJA12 is the thermal resistance from Junction 1 to the
reference temperature while heat source 2 is heating with P2. This applies to
R
θJ21 and RθJ22, respectively.
The stated values are solely for a thermal performance comparison of one package to another in a standardized environment.
This methodology is not meant to and will not predict the performance of a package in an application-specific environment. Stated
values were obtained by measurement and simulation according to the standards listed below.
STANDARDS
Figure 44. Surface mount for power PQFN
with exposed pads
16-PIN
PQFN
33981
PNA SUFFIX
98ARL10521D
16-PIN PQFN
12 MM X 12 MM
Note For package dimensions, refer to
the 33981 device datasheet.
TJ1
TJ2
=
RθJA11
RθJA21
RθJA12
RθJA22
.
P1
P2
Table 7. Thermal Performance Comparison
Thermal
Resistance
1 = Power Chip, 2 = Logic Chip [
°C/W]
m = 1,
n = 1
m = 1, n = 2
m = 2, n = 1
m = 2,
n = 2
ΡθJAmn
(1), (2)
22
18
41
ΡθJBmn
(2), (3)
7.0
4.0
27
ΡθJAmn
(1), (4)
62
48
81
ΡθJCmn
(5)
<1.0
0.0
1.0
Notes
1.
Per JEDEC JESD51-2 at natural convection, still air
condition.
2.
2s2p thermal test board per JEDEC JESD51-7and
JESD51-5.
3.
Per JEDEC JESD51-8, with the board temperature on the
center trace near the power outputs.
4.
Single layer thermal test board per JEDEC JESD51-3 and
JESD51-5.
5.
Thermal resistance between the die junction and the
exposed pad, “infinite” heat sink attached to exposed pad.
0.2 mm spacing
between PCB pads
Note: Recommended via diameter is 0.5 mm. PTH (plated through
hole) via must be plugged / filled with epoxy or solder mask in order
to minimize void formation and to avoid any solder wicking into the
via.
0.2 mm spacing
between PCB pads



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com