Electronic Components Datasheet Search
  English  ▼

X  

33981 Datasheet(PDF) 17 Page - Freescale Semiconductor, Inc

Part # 33981
Description  Single High Side Switch
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33981 Datasheet(HTML) 17 Page - Freescale Semiconductor, Inc

Back Button 33981_09 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33981_09 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33981_09 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33981_09 Datasheet HTML 16Page - Freescale Semiconductor, Inc 33981_09 Datasheet HTML 17Page - Freescale Semiconductor, Inc 33981_09 Datasheet HTML 18Page - Freescale Semiconductor, Inc 33981_09 Datasheet HTML 19Page - Freescale Semiconductor, Inc 33981_09 Datasheet HTML 20Page - Freescale Semiconductor, Inc 33981_09 Datasheet HTML 21Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 37 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
17
33981
FUNCTIONAL DEVICE OPERATION
PROTECTION AND DIAGNOSTIC FEATURES
Figure 13. Overload on Low Side Gate Drive, Case 1
EN
INLS
GLS
FS
Overload on Low Side
tRST(DIAG)
OCLS
VDS_LS
Low Side OFF
VDS_LS = VOCLS
Case 1: Overload Removed
0.0 V
0.0 V
0.0 V
5.0 V
0.0 V
5.0 V
5.0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com