Electronic Components Datasheet Search
  English  ▼

X  

MPC5643L Datasheet(PDF) 82 Page - Freescale Semiconductor, Inc

Part # MPC5643L
Description  High-performance e200z4d dual core
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5643L Datasheet(HTML) 82 Page - Freescale Semiconductor, Inc

Back Button MPC5643L_11 Datasheet HTML 78Page - Freescale Semiconductor, Inc MPC5643L_11 Datasheet HTML 79Page - Freescale Semiconductor, Inc MPC5643L_11 Datasheet HTML 80Page - Freescale Semiconductor, Inc MPC5643L_11 Datasheet HTML 81Page - Freescale Semiconductor, Inc MPC5643L_11 Datasheet HTML 82Page - Freescale Semiconductor, Inc MPC5643L_11 Datasheet HTML 83Page - Freescale Semiconductor, Inc MPC5643L_11 Datasheet HTML 84Page - Freescale Semiconductor, Inc MPC5643L_11 Datasheet HTML 85Page - Freescale Semiconductor, Inc MPC5643L_11 Datasheet HTML 86Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 124 page
background image
MPC5643L Microcontroller Data Sheet, Rev. 6
Preliminary—Subject to Change Without Notice
Electrical characteristics
Freescale Semiconductor
82
3.10
Supply current characteristics (cut2)
Current consumption data is given in Table 18. These specifications are design targets and are subject to change per device
characterization.
Table 18. Current consumption characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IDD_LV_FULL
+IDD_LV_PLL
T Operating current
1.2 V supplies
TJ =ambient
VDD_LV_COR =1.32V
——
50 mA+
2.18 mA*fCPU
mA
1.2 V supplies
TJ =150 C
VDD_LV_COR =1.32V
——
80 mA+
2.50 mA*fCPU
IDD_LV_TYP
+IDD_LV_PLL
T Operating current
1.2 V supplies
TJ =ambient
VDD_LV_COR =1.32V
——
26 mA+
2.10 mA*fCPU
mA
1.2 V supplies
TJ =150 C
VDD_LV_COR =1.32V
——
41 mA+
2.30 mA*fCPU
IDD_LV_TYP
+IDD_LV_PLL
1
P Operating current
1.2 V supplies
TJ =ambient
VDD_LV_COR =1.32V
——
279 mA+
2.10 mA*fCPU
mA
1.2 V supplies
TJ =150 C
VDD_LV_COR =1.32V
——
318 mA+
2.30 mA*fCPU
IDD_LV_BIST
+IDD_LV_PLL
T Operating current
1.2 V supplies during
LBIST (full LBIST
configuration)
TJ =ambient
VDD_LV_COR =1.32V
——
TBD
mA
1.2 V supplies
TJ =150 C
VDD_LV_COR =1.32V
——
TBD
IDD_LV_STOP
T Operating current in VDD
STOP mode
TJ =ambient
VDD_LV_COR =1.32V
——
50
mA
TTJ =55 C
VDD_LV_COR =1.32V
——
57
PTJ =150 C
VDD_LV_COR =1.32V
——
80
IDD_LV_HALT
T Operating current in VDD
HALT mode
TJ =ambient
VDD_LV_COR =1.32V
——
58
mA
TTJ =55 C
VDD_LV_COR =1.32V
——
64
PTJ =150 C
VDD_LV_COR =1.32V
——
72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com