Electronic Components Datasheet Search
  English  ▼

X  

MPC5643L Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MPC5643L
Description  High-performance e200z4d dual core
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5643L Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MPC5643L_11 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC5643L_11 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC5643L_11 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC5643L_11 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC5643L_11 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC5643L_11 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC5643L_11 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC5643L_11 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC5643L_11 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 124 page
background image
Freescale Semiconductor
Data Sheet: Advance Information
Document Number: MPC5643L
Rev. 6, 03/2011
© Freescale Semiconductor, Inc., 2009–2011. All rights reserved.
Preliminary—Subject to Change Without Notice
This document contains information on a product under development. Freescale reserves the
right to change or discontinue this product without notice.
MPC5643L
TBD
MAPBGA–225
15 mm x 15 mm
QFN12
##_mm_x_##mm
SOT-343R
##_mm_x_##mm
PKG-TBD
## mm x ## mm
257 MAPBGA
(14 x 14 mm)
144 LQFP
(20 x 20 mm)
1
Introduction
1.1
Document overview
This document describes the features of the family and
options available within the family members, and highlights
important electrical and physical characteristics of the
devices.
This document provides electrical specifications, pin
assignments, and package diagrams for the MPC5643L series
of microcontroller units (MCUs). For functional
characteristics, see the MPC5643L Microcontroller Reference
Manual. For use of the MPC5643Lin a fail-safe system
according to safety standard IEC 61508, see the Safety
Application Guide for MPC5643L.
The MPC5643L MCU series is available in two silicon
versions, or “cuts”. These are referred to as “cut1” and “cut2”
throughout this document. Functional differences between the
two cuts are clearly identified with the labels “cut1” and
“cut2”.
1.2
Description
The MPC5643L series microcontrollers are system-on-chip
devices that are built on Power Architecture technology and:
•
Contain enhancements that improve the
architecture’s fit in embedded applications
•
Include additional instruction support for digital
signal processing (DSP)
•
Integrate technologies such as an enhanced time
processor unit, enhanced queued analog-to-digital
converter, Controller Area Network, and an
enhanced modular input-output system
MPC5643L Microcontroller
Data Sheet
1
Introduction . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
1.1
Document overview . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
1.2
Description . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
1.3
Device comparison . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2
1.4
Block diagram. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3
1.5
Feature summary . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
1.6
Feature details . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
2
Package pinouts and signal descriptions . . . . . . . . . . . . . . . . 22
2.1
Package pinouts . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
2.2
Supply pins . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 51
2.3
System pins . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 53
2.4
Pin muxing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 53
3
Electrical characteristics. . . . . . . . . . . . . . . . . . . . . . . . . . . . . 72
3.1
Introduction. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 72
3.2
Absolute maximum ratings . . . . . . . . . . . . . . . . . . . . . . 72
3.3
Recommended operating conditions . . . . . . . . . . . . . . 73
3.4
Thermal characteristics . . . . . . . . . . . . . . . . . . . . . . . . 74
3.5
Electromagnetic Interference (EMI) characteristics
(cut1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 76
3.6
Electrostatic discharge (ESD) characteristics. . . . . . . . 77
3.7
Static latch-up (LU). . . . . . . . . . . . . . . . . . . . . . . . . . . . 78
3.8
Voltage regulator electrical characteristics . . . . . . . . . . 78
3.9
DC electrical characteristics . . . . . . . . . . . . . . . . . . . . . 81
3.10 Supply current characteristics (cut2) . . . . . . . . . . . . . . 82
3.11 Temperature sensor electrical characteristics . . . . . . . 83
3.12 Main oscillator electrical characteristics . . . . . . . . . . . . 83
3.13 FMPLL electrical characteristics. . . . . . . . . . . . . . . . . . 85
3.14 16 MHz RC oscillator electrical characteristics . . . . . . 87
3.15 ADC electrical characteristics. . . . . . . . . . . . . . . . . . . . 87
3.16 Flash memory electrical characteristics . . . . . . . . . . . . 92
3.17 SWG electrical characteristics . . . . . . . . . . . . . . . . . . . 93
3.18 AC specifications . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 93
3.19 Reset sequence . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 94
3.20 AC timing characteristics . . . . . . . . . . . . . . . . . . . . . . 100
4
Package characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . 112
4.1
Package mechanical data. . . . . . . . . . . . . . . . . . . . . . 112
5
Ordering information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 117
6
Document revision history . . . . . . . . . . . . . . . . . . . . . . . . . . 118


Similar Part No. - MPC5643L_11

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC5643L FREESCALE-MPC5643L_12 Datasheet
739Kb / 136P
Qorivva Microcontroller
More results

Similar Description - MPC5643L_11

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC5634M FREESCALE-MPC5634M Datasheet
1Mb / 132P
High performance e200z335 core processor
P2020RDB-PCA FREESCALE-P2020RDB-PCA Datasheet
3Mb / 8P
P2 Platform Series Dual core performance in a single core power envelope
P2020PSE2MZB FREESCALE-P2020PSE2MZB Datasheet
3Mb / 8P
P2 Platform Series Dual core performance in a single core power envelope
logo
List of Unclassifed Man...
ANTARES ETC2-ANTARES Datasheet
300Kb / 2P
High performance ??Intel Core i7/Core i5 processor technology
AXP221 ETC2-AXP221 Datasheet
2Mb / 52P
PMIC Optimized For Multi-Core High-Performance System
logo
Zilog, Inc.
Z32F0641MCU ZILOG-Z32F0641MCU Datasheet
5Mb / 205P
High Performance low-power Cortex-M3 core
logo
Microchip Technology
2ASC-12A1HP MICROCHIP-2ASC-12A1HP Datasheet
1Mb / 19P
1200V Dual-Channel Augmented High Performance SiC Core 1
2021
2ASC-17A1HP MICROCHIP-2ASC-17A1HP Datasheet
1Mb / 19P
1700V Dual-Channel Augmented High Performance SiC Core 1
2021
logo
NXP Semiconductors
MC68HC11KG4 NXP-MC68HC11KG4 Datasheet
8Mb / 246P
Low Power,high performance M68HC11 CPU core
logo
Rockchip Electronics Co...
RK3328 ROCKCHIP-RK3328 Datasheet
2Mb / 46P
high-performance Quad-core application processor
Revision 1.2 Feb. 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com