Electronic Components Datasheet Search
  English  ▼

X  

2N4033UB Datasheet(PDF) 6 Page - Microsemi Corporation

Part # 2N4033UB
Description  PNP SILICON SWITCHING TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N4033UB Datasheet(HTML) 6 Page - Microsemi Corporation

  2N4033UB Datasheet HTML 1Page - Microsemi Corporation 2N4033UB Datasheet HTML 2Page - Microsemi Corporation 2N4033UB Datasheet HTML 3Page - Microsemi Corporation 2N4033UB Datasheet HTML 4Page - Microsemi Corporation 2N4033UB Datasheet HTML 5Page - Microsemi Corporation 2N4033UB Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
TECHNICAL DATA SHEET
6 Lake Street, Lawrence, MA 01841
Gort Road Business Park, Ennis, Co. Clare, Ireland.
1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803
Tel: +353 (0) 65 6840044 Fax: +353 (0) 65 6822298
Website: http://www.microsemi.com
T4-LDS-0157 Rev. 2 (101305)
Page 6 of 6
NOTES:
1 Dimensions are in inches.
2 Millimeters are given for general information only.
3 Hatched areas on package denote metalized areas.
4 Pad 1 = Base, Pad 2 = Emitter, Pad 3 = Collector, Pad 4 = Shielding connected to the lid.
5 In accordance with ASME Y14.5M, diameters are equivalent to
φx symbology.
FIGURE 4. Physical dimensions, surface mount (UB version).
Dimensions
Symbol
Inches
Millimeters
Note
Min
Max
Min
Max
BH
.046
.056
1.17
1.42
BL
.115
.128
2.92
3.25
BW
.085
.108
2.16
2.74
CL
.128
3.25
CW
.108
2.74
LL1
.022
.038
0.56
0.96
LL2
.017
.035
0.43
0.89
Dimensions
Symbol
Inches
Millimeters
Note
Min
Max
Min
Max
LS1
.036
.040
0.91
1.02
LS2
.071
.079
1.81
2.01
LW
.016
.024
0.41
0.61
r
.008
.203
r1
.012
.305
r2
.022
.559



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com