Electronic Components Datasheet Search
  English  ▼

X  

2N4033UB Datasheet(PDF) 1 Page - Microsemi Corporation

Part # 2N4033UB
Description  PNP SILICON SWITCHING TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N4033UB Datasheet(HTML) 1 Page - Microsemi Corporation

  2N4033UB Datasheet HTML 1Page - Microsemi Corporation 2N4033UB Datasheet HTML 2Page - Microsemi Corporation 2N4033UB Datasheet HTML 3Page - Microsemi Corporation 2N4033UB Datasheet HTML 4Page - Microsemi Corporation 2N4033UB Datasheet HTML 5Page - Microsemi Corporation 2N4033UB Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TECHNICAL DATA SHEET
6 Lake Street, Lawrence, MA 01841
Gort Road Business Park, Ennis, Co. Clare, Ireland.
1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803
Tel: +353 (0) 65 6840044 Fax: +353 (0) 65 6822298
Website: http://www.microsemi.com
PNP SILICON SWITCHING TRANSISTOR
Qualified per MIL-PRF-19500/512
T4-LDS-0157 Rev. 2 (101305)
Page 1 of 6
DEVICES
LEVELS
2N4029
2N4033
JAN
2N4033UA
JANTX
2N4033UB
JANTXV
JANS
ABSOLUTE MAXIMUM RATINGS (TC = +25°C unless otherwise noted)
Parameters / Test Conditions
Symbol
Value
Unit
Collector-Emitter Voltage
VCEO
80
Vdc
Collector-Base Voltage
VCBO
80
Vdc
Emitter-Base Voltage
VEBO
5.0
Vdc
Collector Current
IC
1.0
Adc
Total Power Dissipation @ TA =
+25°C
2N4029 1
2N4033 2
2N4033UA, UB3
PT
0.5
0.8
0.5
W
Operating & Storage Junction Temperature Range
Tj, Tstg
-65 to +200
°C
Thermal Resistance, Junction-to-Case
2N4029
2N4033
RθJC
80
40
°C/W
Note:
1. Derate linearly 2.86mW/°C for TA > +25°C
2. Derate linearly 4.56mW/°C for TA > +25°C
3. For UB package and use RθJC or see thermal curves in /512
ELECTRICAL CHARACTERISTICS (TA = +25°C, unless otherwise noted)
Parameters / Test Conditions
Symbol
Min.
Max.
Unit
OFF CHARACTERTICS
Collector-Base Cutoff Current
VCB = 80Vdc
VCB = 60Vdc
VCB = 60Vdc, TA = +150°C
ICBO
10
10
25
μAdc
ηAdc
μAdc
Emitter-Base Cutoff Current
VEB = 5.0Vdc
VEB = 3.0Vdc
IEBO
10
25
μAdc
ηAdc
Collector-Emitter Cutoff Current
VBE = 2.0Vdc, VCE = 60Vdc
ICEX
25
ηAdc
TO-18 (TO-206AA)
2N4029
TO-39 (TO-205AD)
2N4033
UA Package
UB Package


Similar Part No. - 2N4033UB

ManufacturerPart #DatasheetDescription
logo
Semicoa Semiconductor
2N4033UB SEMICOA-2N4033UB Datasheet
234Kb / 2P
Silicon PNP Transistor
More results

Similar Description - 2N4033UB

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE106 NTE-NTE106 Datasheet
24Kb / 2P
Silicon PNP Transistor Switching Transistor
logo
ON Semiconductor
MMBT4403LT1 ONSEMI-MMBT4403LT1 Datasheet
147Kb / 8P
Switching Transistor(PNP Silicon)
September, 2004 ??Rev. 3
logo
Siemens Semiconductor G...
SMBT4126 SIEMENS-SMBT4126 Datasheet
96Kb / 4P
PNP Silicon Switching Transistor
logo
Microsemi Corporation
2N2907ADIE MICROSEMI-2N2907ADIE Datasheet
44Kb / 2P
SWITCHING TRANSISTOR PNP SILICON
logo
Infineon Technologies A...
SMBT2907A INFINEON-SMBT2907A Datasheet
141Kb / 7P
PNP Silicon Switching Transistor
Jun-12-2002
logo
Microsemi Corporation
2N3250A MICROSEMI-2N3250A Datasheet
58Kb / 2P
PNP SILICON SWITCHING TRANSISTOR
logo
Siemens Semiconductor G...
SMBT2907A SIEMENS-SMBT2907A Datasheet
248Kb / 7P
PNP Silicon Switching Transistor
logo
Zowie Technology Corpor...
MMBT4403GH ZOWIE-MMBT4403GH Datasheet
558Kb / 5P
Switching Transistor PNP Silicon
logo
ON Semiconductor
MMBT4403WT1 ONSEMI-MMBT4403WT1 Datasheet
177Kb / 6P
Switching Transistor PNP Silicon
March, 2005 ??Rev. 2
logo
Microsemi Corporation
JANTX2N2905A-PIND MICROSEMI-JANTX2N2905A-PIND Datasheet
67Kb / 2P
PNP SWITCHING SILICON TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com