Electronic Components Datasheet Search
  English  ▼

X  

LC75816W Datasheet(PDF) 13 Page - Sanyo Semicon Device

Part # LC75816W
Description  1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers with Key Input Function
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75816W Datasheet(HTML) 13 Page - Sanyo Semicon Device

Back Button LC75816W Datasheet HTML 9Page - Sanyo Semicon Device LC75816W Datasheet HTML 10Page - Sanyo Semicon Device LC75816W Datasheet HTML 11Page - Sanyo Semicon Device LC75816W Datasheet HTML 12Page - Sanyo Semicon Device LC75816W Datasheet HTML 13Page - Sanyo Semicon Device LC75816W Datasheet HTML 14Page - Sanyo Semicon Device LC75816W Datasheet HTML 15Page - Sanyo Semicon Device LC75816W Datasheet HTML 16Page - Sanyo Semicon Device LC75816W Datasheet HTML 17Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 43 page
background image
No. 7142-13/43
LC75816E, 75816W
SC: Controls the common and segment output pins
Note: *13. When SC is 1, the S1 to S65 and COM1 to COM10 output pins are set to the VLCD4 level, regardless of the M, A, and DG1 to DG13 data.
SC
Common and segment output pin states
0
Output of LCD drive waveforms
1
Fixed at the VLCD4 level (all segments off)
SP: Controls the normal mode and sleep mode
SP
Mode
0
Normal mode
Sleep mode
1
(The common and segment pins go to the VLCD4 level and the oscillator on the OSCI, OSCO pins is stopped (although it operates during key
scan operations), to reduce current drain. Although the "display on/off control", "set display contrast", and "set key scan output port/general-
purpose output port state" instructions can be executed in this mode, applications must return the IC to normal mode to execute any of the other
instruction settings.)
• Display shift ... <Shifts the display>
Code
D56
D57
D58
D59
D60
D61
D62
D63
M
A
R/L
X
0
0
1
1
X: don’t care
M, A: Specifies the data to be shifted
M
A
Shift operating state
0
0
Neither MDATA nor ADATA is shifted
0
1
Only ADATA is shifted
1
0
Only MDATA is shifted
1
1
Both MDATA and ADATA are shifted
R/L: Specifies the shift direction
R/L
Shift direction
0
Shift left
1
Shift right
X: don’t care
• Set AC address... <Specifies the DCRAM and ADRAM address for AC>
Code
D48
D49
D50
D51
D52
D53
D54
D55
D56
D57
D58
D59
D60
D61
D62
D63
DA0 DA1 DA2 DA3 DA4 DA5
X
X
RA0 RA1 RA2 RA3
0
1
0
0
DA0 to DA5: DCRAM address
DA0
DA1
DA2
DA3
DA4
DA5
LSB
↑
Least significant bit
MSB
↑
Most significant bit
RA0 to RA3: ADRAM address
RA0
RA1
RA2
RA3
LSB
↑
Least significant bit
MSB
↑
Most significant bit
This instruction loads the 6-bit DCRAM address DA0 to DA5 and the 4-bit ADRAM address RA0 to RA3 into the AC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com