Electronic Components Datasheet Search
  English  ▼

X  

LC75816W Datasheet(PDF) 21 Page - Sanyo Semicon Device

Part # LC75816W
Description  1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers with Key Input Function
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75816W Datasheet(HTML) 21 Page - Sanyo Semicon Device

Back Button LC75816W Datasheet HTML 17Page - Sanyo Semicon Device LC75816W Datasheet HTML 18Page - Sanyo Semicon Device LC75816W Datasheet HTML 19Page - Sanyo Semicon Device LC75816W Datasheet HTML 20Page - Sanyo Semicon Device LC75816W Datasheet HTML 21Page - Sanyo Semicon Device LC75816W Datasheet HTML 22Page - Sanyo Semicon Device LC75816W Datasheet HTML 23Page - Sanyo Semicon Device LC75816W Datasheet HTML 24Page - Sanyo Semicon Device LC75816W Datasheet HTML 25Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 43 page
background image
No. 7142-21/43
LC75816E, 75816W
Output Data
• KD1 to KD30 : Key data
When a key matrix of up to 30 keys is formed from the KS1 to KS6 output pins and the KI1 to KI5 input pins and one
of those keys is pressed, the key output data corresponding to that key will be set to 1. The table shows the relationship
between those pins and the key data bits.
When the KS1/P1 and KS2/P2 output pins are set to function as general-purpose output ports with the "set key scan
output port/general-purpose output port state" instruction and a key matrix of up to 20 keys is formed from the KS3 to
KS6 output pins and the KI1 to KI5 input pins, the KD1 to KD10 key data bits will be set to 0.
• SA : Sleep acknowledge data
This output data bit is set to the state when the key was pressed. Also, while DO will be low in this case, if serial data is
input and the mode is set (to normal or sleep mode) during this period, that mode will be set. SA will be 1 in sleep
mode and 0 in normal mode.
KI1
KI2
KI3
KI4
KI5
KS1/P1
KD1
KD2
KD3
KD4
KD5
KS2/P2
KD6
KD7
KD8
KD9
KD10
KS3
KD11
KD12
KD13
KD14
KD15
KS4
KD16
KD17
KD18
KD19
KD20
KS5
KD21
KD22
KD23
KD24
KD25
KS6
KD26
KD27
KD28
KD29
KD30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com