Electronic Components Datasheet Search
  English  ▼

X  

2N6301 Datasheet(PDF) 3 Page - Microsemi Corporation

Part # 2N6301
Description  NPN DARLINGTON POWER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N6301 Datasheet(HTML) 3 Page - Microsemi Corporation

  2N6301 Datasheet HTML 1Page - Microsemi Corporation 2N6301 Datasheet HTML 2Page - Microsemi Corporation 2N6301 Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
TECHNICAL DATA SHEET
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803
Website: http: //www.microsemi.com
T4-LDS-0171 Rev. 1 (101129)
Page 3 of 3
PACKAGE DIMENSIONS
NOTES:
1
Dimensions are in inches.
2
Millimeters are given for general information only.
3
Body contour is optional within zone defined by CD.
4
These dimensions should be measured at points .050 inch (1.27 mm) to .055 inch (1.40 mm) below seating plane. When
gauge is not used, measurement will be made at seating plane.
5
Both terminals.
6
At both ends.
7
Two holes.
8
The collector shall be electrically connected to the case.
9
LD applies between L1 and LL. Lead diameter shall not exceed twice LD within L1.
10 In accordance with ASME Y14.5M, diameters are equivalent to
φx symbology.
FIGURE 1. Physical dimensions (TO-66).
Dimensions
Symbol
Inches
Millimeters
Notes
Min
Max
Min
Max
CD
.620
15.75
3
CH
.250
.340
6.35
8.64
HT
.050
.075
1.27
1.91
3
HR
.350
8.89
HR1
.115
.145
2.92
3.68
6
LD
.028
.034
0.71
0.86
5, 9
LL
.360
.500
9.14
12.70
5
L1
.050
1.27
5, 9
MHD
.142
.152
3.61
3.86
7
MHS
.958
.962
24.33
24.43
PS
.190
.210
4.83
5.33
4
PS1
.095
.105
2.41
2.66
4
S
.570
.590
14.48
14.99
4



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com