Electronic Components Datasheet Search
  English  ▼

X  

CMLM0708A Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMLM0708A
Description  SURFACE MOUNT N-CHANNEL AND P-CHANNEL COMPLEMENTARY MOSFETS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMLM0708A Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMLM0708A Datasheet HTML 1Page - Central Semiconductor Corp CMLM0708A Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CMLM0708A
MULTI DISCRETE MODULE™
SURFACE MOUNT
N-CHANNEL AND P-CHANNEL
COMPLEMENTARY MOSFETS
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CMLM0708A is a
Multi Discrete Module™ consisting of complementary
N-Channel and P-Channel Enhancement-mode
MOSFETS packaged in a space saving PICOmini™
SOT-563 case. This device is designed for small
signal general purpose applications where size and
operational efficiency are prime requirements.
MARKING CODE: C78
MAXIMUM RATINGS - CASE: (TA=25°C)
SYMBOL
UNITS
Power Dissipation (Note 1)
PD
350
mW
Power Dissipation (Note 2)
PD
300
mW
Power Dissipation (Note 3)
PD
150
mW
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
357
°C/W
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
N-Ch (Q1)
P-Ch (Q2)
UNITS
Drain-Source Voltage
VDS
60
50
V
Drain-Gate Voltage
VDG
60
50
V
Gate-Source Voltage
VGS
40
20
V
Continuous Drain Current
ID
280
280
mA
Continuous Source Current (Body Diode)
IS
280
280
mA
Maximum Pulsed Drain Current
IDM
1.5
1.5
A
Maximum Pulsed Source Current
ISM
1.5
1.5
A
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
N-Ch (Q1)
P-Ch (Q2)
SYMBOL
TEST CONDITIONS
MIN
MAX
MIN
MAX
UNITS
IGSSF, IGSSR
VGS=20V, VDS=0
-
100
-
100
nA
IDSS (N-Ch)
VDS=60V, VGS=0
-
1.0
-
-
μA
IDSS (P-Ch)
VDS=50V, VGS=0
-
-
-
1.0
μA
IDSS (N-Ch)
VDS=60V, VGS=0, TJ=125°C
-
500
-
-
μA
IDSS (P-Ch)
VDS=50V, VGS=0, TJ=125°C
-
-
-
500
μA
ID(ON) (N-Ch)
VGS=10V, VDS=10V
500
-
-
-
mA
ID(ON) (P-Ch)
VGS=10V, VDS=10V
-
-
500
-
mA
BVDSS
VGS=0, ID=10μA
60
-
50
-
V
APPLICATIONS:
• Switching Circuits
• DC/DC Converters
• Battery Powered Portable Equipment including Cell
Phones, Digital Cameras, Pagers, PDAs, Notebook PCs, etc.
FEATURES:
• Dual Complementary MOSFETS
• Low rDS(ON) (3Ω MAX @ VGS=5.0V)
• Small SOT-563 Surface Mount Package
Notes: (1) Ceramic or aluminum core PC Board with copper mounting pad area of 4.0mm2
(2) FR-4 Epoxy PC Board with copper mounting pad area of 4.0mm2
(3) FR-4 Epoxy PC Board with copper mounting pad area of 1.4mm2
SOT-563 CASE
R1 (18-January 2010)
www.centr a lsemi.com


Similar Part No. - CMLM0708A

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMLM0708A CENTRAL-CMLM0708A_15 Datasheet
1Mb / 5P
N-CHANNEL AND P-CHANNEL COMPLEMENTARY MOSFETS
More results

Similar Description - CMLM0708A

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMLDM3757 CENTRAL-CMLDM3757 Datasheet
595Kb / 2P
SURFACE MOUNT N-CHANNEL AND P-CHANNEL ENHANCEMENT-MODE COMPLEMENTARY MOSFETS
CMRDM3575 CENTRAL-CMRDM3575_10 Datasheet
420Kb / 2P
SURFACE MOUNT N-CHANNEL AND P-CHANNEL ENHANCEMENT-MODE COMPLEMENTARY SILICON MOSFETS
CMLDM7585 CENTRAL-CMLDM7585 Datasheet
594Kb / 2P
SURFACE MOUNT N-CHANNEL AND P-CHANNEL ENHANCEMENT-MODE COMPLEMENTARY MOSFETS
CTLDM7181-M832D CENTRAL-CTLDM7181-M832D Datasheet
473Kb / 2P
SURFACE MOUNT N-CHANNEL AND P-CHANNEL ENHANCEMENT-MODE COMPLEMENTARY SILICON MOSFETS
CMLM0708A CENTRAL-CMLM0708A_15 Datasheet
1Mb / 5P
N-CHANNEL AND P-CHANNEL COMPLEMENTARY MOSFETS
logo
ZP Semiconductor
CJL6601 ZPSEMI-CJL6601 Datasheet
803Kb / 2P
P-channel and N-channel Complementary MOSFETS
logo
Jiangsu Changjiang Elec...
CJQ6601 JIANGSU-CJQ6601 Datasheet
3Mb / 6P
N-channel and P-channel Complementary MOSFETS
CJL6602 JIANGSU-CJL6602 Datasheet
2Mb / 6P
P-channel and N-channel Complementary MOSFETS
logo
First Silicon Co., Ltd
FTK6602 FS-FTK6602 Datasheet
516Kb / 5P
P-channel and N-channel Complementary MOSFETS
logo
Central Semiconductor C...
CMBDM3590 CENTRAL-CMBDM3590 Datasheet
334Kb / 3P
SURFACE MOUNT N-CHANNEL AND P-CHANNEL ENHANCEMENT-MODE COMPLEMENTARY MOSFETS
R0 9-March 2009
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com