Electronic Components Datasheet Search
  English  ▼

X  

CMLM0708A Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part # CMLM0708A
Description  SURFACE MOUNT N-CHANNEL AND P-CHANNEL COMPLEMENTARY MOSFETS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMLM0708A Datasheet(HTML) 2 Page - Central Semiconductor Corp

  CMLM0708A Datasheet HTML 1Page - Central Semiconductor Corp CMLM0708A Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CMLM0708A
MULTI DISCRETE MODULE™
SURFACE MOUNT
N-CHANNEL AND P-CHANNEL
COMPLEMENTARY MOSFETS
ELECTRICAL CHARACTERISTICS - Continued:
N-Ch (Q1)
P-Ch (Q2)
SYMBOL
TEST CONDITIONS
MIN
MAX
MIN
MAX
UNITS
VGS(th)
VDS=VGS, ID=250μA
1.0
2.5
1.0
2.5
V
VDS(ON)
VGS=10V, ID=500mA
-
1.0
-
1.5
V
VDS(ON)
VGS=5.0V, ID=50mA
-
0.15
-
0.15
V
VSD (N-Ch)
VGS=0, IS=400mA
-
1.2
-
-
V
VSD (P-Ch)
VGS=0, IS=115mA
-
-
-
1.3
V
rDS(ON)
VGS=10V, ID=500mA
-
2.0
-
2.5
Ω
rDS(ON)
VGS=10V, ID=500mA, TJ=125°C
-
3.5
-
4.0
Ω
rDS(ON)
VGS=5.0V, ID=50mA
-
3.0
-
3.0
Ω
rDS(ON)
VGS=5.0V, ID=50mA, TJ=125°C
-
5.0
-
5.0
Ω
gFS (N-Ch)
VDS=10V, ID=200mA
80
-
-
-
mS
gFS (P-Ch)
VDS=10V, ID=200mA
-
-
200
-
mS
Crss
VDS=25V, VGS=0, f=1.0MHz
-
5.0
-
7.0
pF
Ciss
VDS=25V, VGS=0, f=1.0MHz
-
50
-
70
pF
Coss
VDS=25V, VGS=0, f=1.0MHz
-
25
-
15
pF
ton / toff
VDD=30V, VGS=10V, ID=200mA
RG=25Ω, RL=150Ω
-
20
-
20
ns
LEAD CODE:
1) Gate Q1
2) Source Q1
3) Drain Q2
4) Gate Q2
5) Source Q2
6) Drain Q1
MARKING CODE: C78
SOT-563 CASE - MECHANICAL OUTLINE
www.centr a lsemi.com
R1 (18-January 2010)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com