Electronic Components Datasheet Search
  English  ▼

X  

PTF Datasheet(PDF) 1 Page - Tyco Electronics

Part # PTF
Description  Miniature Power Relay PTF
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

PTF Datasheet(HTML) 1 Page - Tyco Electronics

  PTF Datasheet HTML 1Page - Tyco Electronics PTF Datasheet HTML 2Page - Tyco Electronics PTF Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Datasheet Rev. IJ1
Issued 2009/10
www.tycoelectronics.com
www.schrackrelays.com
Dimensions are in mm unless
otherwise specified and are
shown for reference purposes
only.
Product specification
according to IEC 61810-1.
Product data, technical para-
meters, test conditions and
processing information only
to be used together with the
'Definitions' section in the cat-
alogue or at schrackrelays.com
in the ‘Schrack’ section.
Specifications subject to
change.
General Purpose Relays
SCHRACK
1
Miniature Power Relay PTF
n 2 pole 15 A, 2 CO contacts
n DC or AC coil
n Plug-in version, PCB or chassis mount version
Applications
Panel boards, domestic appliances
Approvals
V REG.-Nr. A379, Z E58304
Technical data of approved types on request
Contact data
Contact configuration
2 CO contacts
Contact set
single contact
Type of interruption
micro disconnection
Rated voltage / max. switching voltage AC
240 / 400 VAC
Rated current
10 A / 250 VAC
15 A / 120 VAC
Maximum breaking capacity AC
2500 VA / 250 VAC
1800 VA / 120 VAC
Limiting making capacity, max 20 ms
20 A / 250 VAC
30 A / 120 VAC
Contact material
AgNi90/10
Minimum contact load
5V/100mA
Rated frequency of operation with / without load
6/600 min-1
Operate- / release time DC coil
max 15 / 10 ms
Bounce time DC coil NO / NC contact
max 5 / 5 ms
Contact ratings
Type
Contact
Load
Ambient
Cycles
temp. [°C]
IEC 61810
PT F2 DC-coil
CO
15 A, 250 VAC, cos
ϕ=1
70°C
35x103
PT F2 AC-coil
CO
15 A, 250 VAC, cos
ϕ=1
70°C
6x103
UL 508
PT F2
NO / NC
10 A, 250 VAC, resistive
70°C
100x103
PT F2
NO / NC
15 A, 120 VAC, resistive
70°C
100x103
Coil data
Rated coil voltage range DC coil
6...220 VDC
AC coil
6...230 VAC
Operative range to IEC 61810 DC coil, AC-coil 50Hz
2
AC coil 60 Hz at 70°C, % of Urtd
90..110%
Coil versions, DC-coil
Coil code
Rated
Operate
Release
Coil
Rated coil
STD
LED
voltage
voltage
voltage
resistance
power
bipolar
VDC
VDC
VDC
Ohm
mW
006
L06
6
4.5
0.6
48
+10%
750
012
L12
12
9.0
1.2
192
+10%
750
024
L24
24
18.0
2.4
777
+10%
741
048
L48
48
36.0
4.8
3072
+10%
750
060
L60
60
45.0
6.0
4845
+12%
743
110
M10
110
82.5
11.0
16133
+15%
750
220
N20
220
165.0
22.0
64533
+15%
750
All figures are given for coil without preenergization, at ambient temperature +23°C
F0281-B


Similar Part No. - PTF

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PTF MACOM-PTF Datasheet
199Kb / 3P
Miniature Power Relay
logo
Vishay Siliconix
PTF VISHAY-PTF Datasheet
156Kb / 4P
Metal Film Resistors, High Precision, High Stability
15-Nov-12
logo
Bourns Electronic Solut...
PTF BOURNS-PTF Datasheet
544Kb / 7P
Long Life Slide Potentiometer
logo
TE Connectivity Ltd
PTF TEC-PTF Datasheet
350Kb / 8P
Platinum Thin Film (PTF) Temperature Elements
logo
Vishay Siliconix
PTF VISHAY-PTF Datasheet
162Kb / 4P
Metal Film Resistors, Axial, High Precision, High Stability
16-Sep-16
More results

Similar Description - PTF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AZ726 ETC-AZ726 Datasheet
77Kb / 2P
MINIATURE POWER RELAY
AZ961 ETC1-AZ961 Datasheet
62Kb / 2P
MINIATURE POWER RELAY
AZ732 ETC1-AZ732 Datasheet
18Kb / 1P
MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ169 ZETTLER-AZ169 Datasheet
168Kb / 2P
MINIATURE POWER RELAY
logo
Tyco Electronics
PTF MACOM-PTF Datasheet
199Kb / 3P
Miniature Power Relay
logo
American Zettler, Inc.
AZ166 AZETTLER-AZ166 Datasheet
115Kb / 3P
MINIATURE POWER RELAY
AZ672 AZETTLER-AZ672 Datasheet
76Kb / 2P
MINIATURE POWER RELAY
AZ725 AZETTLER-AZ725 Datasheet
92Kb / 2P
MINIATURE POWER RELAY
AZ726 AZETTLER-AZ726 Datasheet
120Kb / 2P
MINIATURE POWER RELAY
logo
OEN India Limited
55H-12-1A OENINDIA-55H-12-1A Datasheet
142Kb / 1P
MINIATURE POWER RELAY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com