Electronic Components Datasheet Search
  English  ▼

X  

PTF Datasheet(PDF) 3 Page - Tyco Electronics

Part # PTF
Description  Miniature Power Relay PTF
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

PTF Datasheet(HTML) 3 Page - Tyco Electronics

  PTF Datasheet HTML 1Page - Tyco Electronics PTF Datasheet HTML 2Page - Tyco Electronics PTF Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Datasheet Rev. IJ1
Issued 2009/10
www.tycoelectronics.com
www.schrackrelays.com
Dimensions are in mm unless
otherwise specified and are
shown for reference purposes
only.
Product specification
according to IEC 61810-1.
Product data, technical para-
meters, test conditions and
processing information only
to be used together with the
'Definitions' section in the cat-
alogue or at schrackrelays.com
in the ‘Schrack’ section.
Specifications subject to
change.
General Purpose Relays
SCHRACK
3
Miniature Power Relay PTF (Continued)
Product key
Typical product key
PTF
2
0
524
Type
PTF Miniature Power Relay PTF
Contact material
2
AgNi 90/10
Version
0
Quick connect terminals
1
PCB terminals
2
Flange mount cover
Coil
Coil code: please refer to coil versions table, preferred types in bold print
Product key
Contacts
Cont. material
Terminal
Coil
Coil
Part number
PTF20024
2 CO
AgNi 90/10
quick connect term.
DC-coil
24 VDC
1461937-3
PTF21024
contacts
PCB
1-1461937-0
PTF20524
quick connect term.
AC-coil
24 VAC
1461938-3
PTF20615
115 VAC
1461938-7
PTF20730
230 VAC
1461938-9
PTF21524
PCB
24 VAC
1-1461938-2
PTF21615
115 VAC
1-1461938-6
PTF21730
230 VAC
1-1461938-8
PTF20L24
quick connect term.
DC + LED
24 VDC
1461944-3
PTF20R24
AC + LED
24 VAC
1461945-3
PTF20S15
115 VAC
1461945-7
PTF20T30
230 VAC
1461945-9
PTF22024
flange mount
DC-coil
24 VDC
1721058-3
PTF22524
cover
AC-coil
24 VAC
1-1721058-0
PTF22615
115 VAC
1-1721058-4
PTF22730
230 VAC
1-1721058-6
Dimensions
Flange mount version
S0506-A



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com