Electronic Components Datasheet Search
  English  ▼

X  

T7N Datasheet(PDF) 1 Page - Tyco Electronics

Part # T7N
Description  Miniature Power PCB Relay T7N / T7N-WG
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

T7N Datasheet(HTML) 1 Page - Tyco Electronics

  T7N Datasheet HTML 1Page - Tyco Electronics T7N Datasheet HTML 2Page - Tyco Electronics T7N Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Datasheet Rev. IJ1
Issued 2009/10
www.tycoelectronics.com
www.schrackrelays.com
Dimensions are in mm unless
otherwise specified and are
shown for reference purposes
only.
Product specification
according to IEC 61810-1.
Product data, technical para-
meters, test conditions and
processing information only
to be used together with the
'Definitions' section in the cat-
alogue or at schrackrelays.com
in the ‘Schrack’ section.
Specifications subject to
change.
General Purpose Relays
1
SCHRACK
Miniature Power PCB Relay T7N / T7N-WG
n 1pole 10 A, 1CO or 1NO contact
n Version T7N-WG with tracking resistance CTI 325
n WG version: Product in accordance to IEC60335-1
Applications
Domestic appliances, heating control, building control,
measurement&control
F0189-D
Approvals
T7N:
V REG.-Nr. 6175, Z E214025;
T7N-WG:
V REG.-Nr. 119012, Z E214025
Technical data of approved types on request
Contact data
Contact configuration
1 CO or 1 NO
Contact set
single contact
Type of interruption
micro disconnection
Rated voltage / max. switching voltage AC
250 / 400 VAC
Rated current
10 A
Maximum breaking capacity AC
2500 VA
Limiting making capacity, max 4 s, duty factor 10%
35 A
Contact material
AgSnO2 / AgCdO
Rated frequency of operation with / without load
30 / 300 min-1
Operate- / release time
max. 9 / 5 ms
Bounce time NO contact
max. 3 ms
Contact ratings
Type
Contact
Load
Ambient
Cycles
temp. [°C]
IEC 61810
T7NV1D4-…-WG(-A)
NO
10 A, 250 VAC, cos
ϕ=1
85°C
100x103
T7NS1D4-…-WG(-A)
NO
10 A, 250 VAC, cos
ϕ=1
85°C
6x103
T7NV5D4-…-WG(-A)
NO of CO 10 A, 250 VAC, cos
ϕ=1
85°C
100x103
T7NS5D4-…-WG(-A)
NO of CO 10 A, 250 VAC, cos
ϕ=1
85°C
6x103
T7NV5D4-…-WG(-A)
NC of CO 6 A, 250 VAC, cos
ϕ=1
85°C
50x103
T7NS5D4-…
CO
10 A/5 A, 250 VAC, cos
ϕ=1
85°C
6x103
T7NS1D4-…-WG(-A)
NO
10 A, 250 VAC, cos
ϕ=1
85°C
6x103
UL 508
T7N...D4-…-WG(-A)
NO
10 A, 250 VAC, resistive
85°C
100x103
T7N...D4-…-WG(-A)
NO
1/4 hp, 120 VAC, Motor
40°C
100x103
T7N...D4-…
NO
10 A, 250 VAC, resistive
85°C
30x103
Coil data
Rated coil voltage range DC coil
5...48 VDC
Operative range to IEC 61810
2


Similar Part No. - T7N

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
T7N MACOM-T7N Datasheet
157Kb / 3P
Miniature Power PCB Relay
logo
TE Connectivity Ltd
T7N TEC-T7N Datasheet
466Kb / 3P
Version T7N-WG with tracking resistance CTI 325
logo
Tyco Electronics
T7N-WG MACOM-T7N-WG Datasheet
157Kb / 3P
Miniature Power PCB Relay
logo
TE Connectivity Ltd
T7N-WG TEC-T7N-WG Datasheet
466Kb / 3P
Version T7N-WG with tracking resistance CTI 325
logo
VBsemi Electronics Co.,...
T7N65 VBSEMI-T7N65 Datasheet
1Mb / 10P
N-Channel 650V (D-S) Power MOSFET
More results

Similar Description - T7N

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HG4115 ETC-HG4115 Datasheet
51Kb / 2P
MINIATURE PCB POWER RELAY
logo
DB Lectro Inc
HG4510 DBLECTRO-HG4510 Datasheet
43Kb / 2P
Miniature PCB Power Relay
HG4515 DBLECTRO-HG4515 Datasheet
78Kb / 2P
Miniature PCB Power Relay
logo
Tyco Electronics
MSR MACOM-MSR Datasheet
205Kb / 3P
Miniature Power PCB Relay
PCH MACOM-PCH Datasheet
127Kb / 3P
Miniature Power PCB Relay
T7N MACOM-T7N Datasheet
157Kb / 3P
Miniature Power PCB Relay
logo
TE Connectivity Ltd
T7N TEC-T7N Datasheet
466Kb / 3P
Version T7N-WG with tracking resistance CTI 325
T7N-WG TEC-T7N-WG Datasheet
466Kb / 3P
Version T7N-WG with tracking resistance CTI 325
logo
Picker Components
PC459 PICKER-PC459_17 Datasheet
456Kb / 2P
Miniature PCB Power Relay
logo
Willow Technologies Ltd
DG6L WILLOW-DG6L Datasheet
230Kb / 3P
miniature pcb power relay
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com