Electronic Components Datasheet Search
  English  ▼

X  

T7N Datasheet(PDF) 3 Page - Tyco Electronics

Part # T7N
Description  Miniature Power PCB Relay T7N / T7N-WG
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

T7N Datasheet(HTML) 3 Page - Tyco Electronics

  T7N Datasheet HTML 1Page - Tyco Electronics T7N Datasheet HTML 2Page - Tyco Electronics T7N Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Datasheet Rev. IJ1
Issued 2009/10
www.tycoelectronics.com
www.schrackrelays.com
Dimensions are in mm unless
otherwise specified and are
shown for reference purposes
only.
Product specification
according to IEC 61810-1.
Product data, technical para-
meters, test conditions and
processing information only
to be used together with the
'Definitions' section in the cat-
alogue or at schrackrelays.com
in the ‘Schrack’ section.
Specifications subject to
change.
General Purpose Relays
3
SCHRACK
Miniature Power PCB Relay T7N / T7N-WG (Continued)
Product key
Version
Cont. material
Cont.configuration
Coil
Part number
T7NS1D4-05
wash tight
AgSnO2
1 NO contact
5 VDC
6-1440006-9
T7NS1D4-06
CTI 225
6 VDC
7-1440006-0
T7NS1D4-09
9 VDC
7-1440006-1
T7NS1D4-12
12 VDC
7-1440006-2
T7NS1D4-24
24 VDC
7-1440006-4
T7NS1D4-36
36 VDC
7-1440006-5
T7NS1D4-48
48 VDC
7-1440006-6
T7NS5D4-05
1 CO contact
5 VDC
5-1440005-2
T7NS5D4-06
6 VDC
6-1440006-1
T7NS5D4-09
9 VDC
6-1440006-2
T7NS5D4-12
12 VDC
6-1440006-3
T7NS5D4-24
24 VDC
6-1440006-5
T7NS5D4-36
36 VDC
6-1440006-6
T7NS5D4-48
48 VDC
6-1440006-7
T7NV1D4-05-WG
flux proof
1 NO contact
5 VDC
1721133-8
T7NV1D4-06-WG
CTI 325
6 VDC
1721133-9
T7NV1D4-09-WG
according
9 VDC
1-1721133-0
T7NV1D4-12-WG
IEC 60335-1
12 VDC
1-1721133-1
T7NV1D4-24-WG
24 VDC
1-1721133-2
T7NV1D4-36-WG
36 VDC
1-1721133-3
T7NV1D4-48-WG
48 VDC
1-1721133-4
T7NV5D4-05-WG
1 CO contact
5 VDC
1649305-8
T7NV5D4-06-WG
6 VDC
1649305-9
T7NV5D4-09-WG
9 VDC
1-1649305-0
T7NV5D4-12-WG
12 VDC
1-1649305-1
T7NV5D4-24-WG
24 VDC
1-1649305-2
T7NV5D4-36-WG
36 VDC
1-1649305-3
T7NV5D4-48-WG
48 VDC
1-1649305-4
T7NV1D4-05-WG-A
flux proof
1 NO contact
5 VDC
2-1649280-0
T7NV1D4-06-WG-A
relay base
6 VDC
2-1649280-1
T7NV1D4-09-WG-A
CTI 325
9 VDC
2-1649280-2
T7NV1D4-12-WG-A
12 VDC
2-1649280-3
T7NV1D4-24-WG-A
24 VDC
2-1649280-4
T7NV1D4-36-WG-A
36 VDC
2-1649280-5
T7NV1D4-48-WG-A
48 VDC
2-1649280-6
T7NV5D4-05-WG-A
1 CO contact
5 VDC
1-1649324-0
T7NV5D4-06-WG-A
6 VDC
1-1649324-1
T7NV5D4-09-WG-A
9 VDC
1-1649324-2
T7NV5D4-12-WG-A
12 VDC
1-1649324-3
T7NV5D4-24-WG-A
24 VDC
1-1649324-4
T7NV5D4-36-WG-A
36 VDC
1-1649324-5
T7NV5D4-48-WG-A
48 VDC
1-1649324-6
Product key
Typical product key
T7N
V
1
D
4
-06
-WG
Type
T7N
Miniature Power PCB Relay T7N
Version
S
wash tight
V
flux proof
Contact configuration
1
1 NO contact (1 form A)
5
1 CO contact (1 form C)
Coil version
H
DC coil 450 mW
D
DC coil 360 mW
Contact material
1
AgCdO
4
AgSnO2
Coil
Coil code: please refer to coil versions table
Version
Blank
T7N standard version, CTI 225
WG
CTI 325 version, product in accordance with IEC 60335-1
WG-A
CTI 325 for relay base only
Other types on request



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com