Electronic Components Datasheet Search
  English  ▼

X  

RT214024 Datasheet(PDF) 1 Page - Tyco Electronics

Part # RT214024
Description  Interface Power Relay RT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

RT214024 Datasheet(HTML) 1 Page - Tyco Electronics

  RT214024 Datasheet HTML 1Page - Tyco Electronics RT214024 Datasheet HTML 2Page - Tyco Electronics RT214024 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Datasheet
Rev. HK1
Issued 2008/11
www.tycoelectronics.com
www.schrackrelays.com
Dimensions are in mm unless
otherwise specified and are
shown for reference purposes
only.
Product specification
according to IEC 61810-1.
Product data, technical para-
meters, test conditions and
processing information only
to be used together with the
'Definitions' section in the cat-
alogue or at schrackrelays.com
in the ‘Schrack’ section.
Specifications subject to
change.
General Purpose Relays
1
SCHRACK
Interface Power Relay RT
I 1 pole 12 / 16 A, 2 pole 8 A, 1 CO contact or 2 CO contacts
I DC- or AC coil
I Sensitive coil 400 mW
I Reinforced insulation, protection class II (VDE 0700)
I 5 kV / 10 mm coil-contact
I 1 pole 12 A with 3.5 or 5 mm pinning
I Recycleable packaging
Applications
Panel boards, mechanical engineering
F0269-C
Approvals
V REG.-Nr. 6106, Z E214025
Technical data of approved types on request
Contact data
1-pole
2-pole
Contact configuration
1 CO
2 CO
Contact set
single contact
Type of interruption
micro disconnection
Rated voltage / max. switching voltage AC
240 / 400 VAC
Rated current
12 / 16 A
8 A
Maximum breaking capacity AC
3000 / 4000 VA
2000 VA
Limiting making capacity,max 4 s, df 10%
25 / 30 A
15 A
Contact material
AgNi 90/10
Rated frequency of operation DC coil with / without load
6 / 1200 min-1
AC coil with / without load
6 / 600 min-1
Operate- / release time DC coil
max 8 / 6 ms
max 10 / 5 ms
Bounce time DC coil, NO / NC contact
max 4 / 6 ms
max 4 / 9 ms
Contact ratings
Type
Contact
Load
Ambient
Cycles
temp. [°C]
IEC 61810
RT314 DC-coil
NO
10 A, 400 VAC, cos
ϕ=1
85°C
150x103
RT314 AC-coil
NO
16 A, 250 VAC, cos
ϕ=1
70°C
50x103
RT314 AC-coil
CO
16 A, 250 VAC, cos
ϕ=1
70°C
10x103
RT424 AC coil
CO
8 A, 250 VAC, cos
ϕ=1
70°C
30x103
UL 508
RT314
NO
16 A, 250 VAC, general purpose, DF: 10% 85°C
50x103
RT314
NO
A300
40°C
6x103
RT314
NC
B300
40°C
6x103
RT314
NO
240 VAC, 1 hp
40°C
1x103
RT424 DC coil
NO / NC 8 A, 30 VDC, general purpose
85°C
6x103
RT424 DC coil
NO
10 A, 250 VAC, general purpose
85°C
30x103
RT424 DC coil
NO / NC motor, 1/2 hp, 240 VAC
85°C
1x103
RT424 DC coil
NO / NC pilot duty, B300, R300
85°C
6x103
EN60730-1
RT314 DC-coil
NO
12(2) A, 250 VAC
85°C
100x103
RT424 DC coil
NO / NC 6(2) A, 250 VAC
85°C
100x103
Coil data
Rated coil voltage range DC coil
5...110 VDC
AC coil
24...230 VAC
Operative range to IEC 61810
2
Coil insulation system according UL1446
class F


Similar Part No. - RT214024

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
RT214024 MACOM-RT214024 Datasheet
261Kb / 3P
Interface Power Relay
RT214024 MACOM-RT214024 Datasheet
286Kb / 4P
Power PCB Relay
RT214024 MACOM-RT214024 Datasheet
243Kb / 4P
Power PCB Relay RT1
RT214024 MACOM-RT214024 Datasheet
211Kb / 3P
Interface Power Relay RT
RT214024 MACOM-RT214024 Datasheet
729Kb / 5P
General Purpose Relays PCB Relays
More results

Similar Description - RT214024

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
RT114024 MACOM-RT114024 Datasheet
261Kb / 3P
Interface Power Relay
RT78724 MACOM-RT78724 Datasheet
212Kb / 3P
Accessories Industrial Power Relay RT / RP / SR2M
RT3S4LC4 MACOM-RT3S4LC4 Datasheet
252Kb / 3P
Relay package consisting of RT relay, DIN-rail socket, plastic
RT114024 MACOM-RT114024_05 Datasheet
211Kb / 3P
Interface Power Relay RT
RT17016 MACOM-RT17016 Datasheet
201Kb / 4P
Accessories Industrial Power Relay RT / RP / SR2M
2-1415074-1 MACOM-2-1415074-1 Datasheet
237Kb / 3P
Relay Package RT
2-1419108-1 MACOM-2-1419108-1 Datasheet
201Kb / 4P
Accessories Industrial Power Relay RT / RP / SR2M
2-1419108-2 MACOM-2-1419108-2 Datasheet
207Kb / 4P
Accessories Industrial Power Relay RT / RP / SR2M
2-1419108-3 MACOM-2-1419108-3 Datasheet
201Kb / 4P
Accessories Industrial Power Relay RT / RP / SR2M
RT17017 MACOM-RT17017 Datasheet
544Kb / 6P
Accessories Industrial Power Relay RT
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com