Electronic Components Datasheet Search
  English  ▼

X  

RT214024 Datasheet(PDF) 2 Page - Tyco Electronics

Part # RT214024
Description  Interface Power Relay RT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

RT214024 Datasheet(HTML) 2 Page - Tyco Electronics

  RT214024 Datasheet HTML 1Page - Tyco Electronics RT214024 Datasheet HTML 2Page - Tyco Electronics RT214024 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Datasheet
Rev. HK1
Issued 2008/11
www.tycoelectronics.com
www.schrackrelays.com
Dimensions are in mm unless
otherwise specified and are
shown for reference purposes
only.
Product specification
according to IEC 61810-1.
Product data, technical para-
meters, test conditions and
processing information only
to be used together with the
'Definitions' section in the cat-
alogue or at schrackrelays.com
in the ‘Schrack’ section.
Specifications subject to
change.
General Purpose Relays
SCHRACK
2
Interface Power Relay RT (Continued)
2 CO contacts 8 A
1 CO contact 16 A
1 CO contact 12 A
Dimensions
Terminal assignment
Bottom view on pins
S0163-BC
S0163-BE
S0163-BJ
S0272-BA
Coil versions, DC-coil
Coil
Rated
Operate
Release
Coil
Rated coil
code
voltage
voltage
voltage
resistance
power
VDC
VDC
VDC
Ohm
mW
006
6
4.2
0.6
90+10%
400
012
12
8.4
1.2
360+10%
400
024
24
16.8
2.4
1440+
+10%
400
048
48
33.6
4.8
5520+10%
417
060
60
42.0
6.0
8570+12%
420
110
110
77.0
11.0
28800+12%
420
All figures are given for coil without preenergization, at ambient temperature +23°C
Other coil voltages on request
Coil versions, AC-coil 50Hz
Coil
Rated
Operate
Release
Coil
Rated coil
code
voltage
voltage
voltage
resistance
power
50 Hz
50 Hz
50 Hz
VAC
VAC
VAC
Ohm
VA
524
24
18.0
3.6
350+
+10%
0.76
615
115
86.3
17.3
8100+15%
0.76
730
230
172.5
34.5
32500+
+15%
0.74
All figures are given for coil without preenergization, at ambient temperature +23°C
Other coil voltages on request
Insulation
Dielectric strength coil-contact circuit
5000 Vrms
open contact circuit
1000 Vrms
adjacent contact circuits
2500 Vrms
Clearance / creepage coil-contact circuit
W 10 / 10 mm
Material group of insulation parts
IIIa
Tracking index of relay base
PTI 250 V
Insulation to IEC 61810-1
Type of insulation coil-contact circuit
reinforced
open contact circuit
micro disconnection
Rated insulation voltage
250 V
Pollution degree 12 A version
3
3
16 A version
3
2
2 x 8 A version
3
2
Rated voltage system
240 V
230 / 400 V
Overvoltage category
III
Other data
1-pole
2-pole
Mechanical endurance DC coil
> 30 x 106
>30x106
AC coil
> 10 x 106
>5 x 106
Material
RoHS - Directive 2002/95/EC
compliant as per product date code 0413
Environment
Ambient temperature range DC coil
-40...+85°C
AC coil
-40...+70°C
Vibration resistance (function), NO / NC contact 20 / 5 g, 30 ... 500 Hz
Shock resistance (destruction)
100 g
Category of protection
RTII
Processing
Mounting distance
dense packing of sockets
Relay weight
14 g
Packaging unit
20 / 500 pcs
Accessories
For Details see datasheet
Accessories Interface Power Relay RT
NOTE:
indicated contact ratings and electrical endurance data for direct wiring of relays
(according IEC 61810-1, table 12); for relays mounted on sockets deratings may apply.
Relay Packages
Complete packages consisting of a relay mounted on a socket see Package RT



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com