Electronic Components Datasheet Search
  English  ▼

X  

LC75852 Datasheet(PDF) 13 Page - Sanyo Semicon Device

Part # LC75852
Description  Asynchronous Silicon Gate 1/2 Duty LCD Driver with On-Chip Key Input Function
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75852 Datasheet(HTML) 13 Page - Sanyo Semicon Device

Back Button LC75852 Datasheet HTML 8Page - Sanyo Semicon Device LC75852 Datasheet HTML 9Page - Sanyo Semicon Device LC75852 Datasheet HTML 10Page - Sanyo Semicon Device LC75852 Datasheet HTML 11Page - Sanyo Semicon Device LC75852 Datasheet HTML 12Page - Sanyo Semicon Device LC75852 Datasheet HTML 13Page - Sanyo Semicon Device LC75852 Datasheet HTML 14Page - Sanyo Semicon Device LC75852 Datasheet HTML 15Page - Sanyo Semicon Device LC75852 Datasheet HTML 16Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Sample Application Circuit
Note: * Since DO is an open-drain output, a pull-up resistor is required. Select a value (between 1 and 10 k
Ω) that is appropriate for the capacitance of the
external wiring so that the waveforms are not distorted.
Notes on Controller Display Data Transfer
The LC75852 transfers the display data (D1 to D90) in two operations. To assure visual display quality, all the display
data should be sent within a 30 ms or shorter period.
No. 4828-13/16
LC75852E, 75852W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com