Electronic Components Datasheet Search
  English  ▼

X  

LC75852 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LC75852
Description  Asynchronous Silicon Gate 1/2 Duty LCD Driver with On-Chip Key Input Function
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75852 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LC75852 Datasheet HTML 1Page - Sanyo Semicon Device LC75852 Datasheet HTML 2Page - Sanyo Semicon Device LC75852 Datasheet HTML 3Page - Sanyo Semicon Device LC75852 Datasheet HTML 4Page - Sanyo Semicon Device LC75852 Datasheet HTML 5Page - Sanyo Semicon Device LC75852 Datasheet HTML 6Page - Sanyo Semicon Device LC75852 Datasheet HTML 7Page - Sanyo Semicon Device LC75852 Datasheet HTML 8Page - Sanyo Semicon Device LC75852 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Allowable Operating Ranges at Ta = –40 to +85°C, V
SS = 0 V
Note: * Since DO is an open-drain output, these values differ depending on the pull-up resistor R
PU and the load capacitance CL.
Electrical Characteristics in the Allowable Operating Ranges
No. 4828-2/16
LC75852E, 75852W
Parameter
Symbol
Conditions
min
typ
max
Unit
Supply voltage
V
DD
V
DD
4.5
6.0
V
Input high-level voltage
V
IH1
CE, CL, DI, RES
0.8 V
DD
V
DD
V
V
IH2
KI1 to KI5
0.6 V
DD
V
DD
V
Input low-level voltage
V
IL
CE, CL, DI, RES, KI1 to KI5
0
0.2 V
DD
V
Recommended external
R
OSC
OSC
62
k
Ω
resistance
Recommended external
C
OSC
OSC
680
pF
capacitance
Guaranteed oscillator range
f
OSC
OSC
25
50
100
kHz
Data setup time
t
ds
CL, DI: Figure 1
160
ns
Data hold time
t
dh
CL, DI: Figure 1
160
ns
CE wait time
t
cp
CE, CL: Figure 1
160
ns
CE setup time
t
cs
CE, CL: Figure 1
160
ns
CE hold time
t
ch
CE, CL: Figure 1
160
ns
High-level clock pulse width
t
øH
CL: Figure 1
160
ns
Low-level clock pulse width
t
øL
CL: Figure 1
160
ns
Rise time
t
r
CE, CL, DI: Figure 1
160
ns
Fall time
t
f
CE, CL, DI: Figure 1
160
ns
DO output delay time
t
dc
DO, R
PU = 4.7 kΩ, CL = 10 pF*: Figure 1
1.5
µs
DO rise time
t
dr
DO, R
PU = 4.7 kΩ, CL = 10 pF*: Figure 1
1.5
µs
RES switching time
t2
Figure 2
10
µs
Parameter
Symbol
Conditions
min
typ
max
Unit
Hysteresis
V
H
CE, CL, DI, RES, KI1 to KI5
0.1 V
DD
V
Input high-level current
I
IH
CE, CL, DI, RES: V
I = 6.0 V
5.0
µA
Input low-level current
I
IL
CE, CL, DI, RES: V
I = 0 V
–5.0
µA
Input floating voltage
V
IF
KI1 to KI5
0.05 V
DD
V
Pull-down resistance
R
PD
KI1 to KI5: V
DD = 5.0 V
50
100
250
k
Ω
Output off leakage current
I
OFFH
DO: V
O = 6.0 V
6.0
µA
V
OH1
KS1 to KS6: I
O = –1 mA
V
DD – 1.0
V
Output high-level voltage
V
OH2
P1 to P4: I
O = –1 mA
V
DD – 1.0
V
V
OH3
S1 to S45: I
O = –10 µA
V
DD – 1.0
V
V
OH4
COM1, COM2: I
O = –100 µA
V
DD – 0.6
V
V
OL1
KS1 to KS6: I
O = 50 µA
0.4
1.0
3.0
V
V
OL2
P1 to P4: I
O = 1 mA
1.0
V
Output low-level voltage
V
OL3
S1 to S45: I
O = 10 µA
1.0
V
V
OL4
COM1, COM2: I
O = 100 µA
0.6
V
V
OL5
DO: I
O = 1 mA
0.1
0.5
V
Output middle-level voltage
V
MID1
COM1, COM2: V
DD = 6.0 V, IO = ±100 µA
2.4
3.0
3.6
V
V
MID2
COM1, COM2: V
DD = 4.5 V, IO = ±100 µA
1.65
2.25
2.85
V
Current drain
I
DD1
Sleep mode, Ta = 25°C
5
µA
I
DD2
V
DD = 6.0 V, output open, Ta = 25°C, fOSC = 50 kHz
1.4
2.5
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com