Electronic Components Datasheet Search
  English  ▼

X  

CY3672-USB Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY3672-USB
Description  One-PLL General-Purpose Flash-Programmable Clock Generator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY3672-USB Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY3672-USB Datasheet HTML 3Page - Cypress Semiconductor CY3672-USB Datasheet HTML 4Page - Cypress Semiconductor CY3672-USB Datasheet HTML 5Page - Cypress Semiconductor CY3672-USB Datasheet HTML 6Page - Cypress Semiconductor CY3672-USB Datasheet HTML 7Page - Cypress Semiconductor CY3672-USB Datasheet HTML 8Page - Cypress Semiconductor CY3672-USB Datasheet HTML 9Page - Cypress Semiconductor CY3672-USB Datasheet HTML 10Page - Cypress Semiconductor CY3672-USB Datasheet HTML 11Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
CY22050,
CY220501
Document #: 38-07006 Rev. *I
Page 7 of 11
t4HI
Falling edge slew rate
(VDDL = 3.3 V)
Output clock fall time, 80% – 20% of VDD/VDDL.
Defined in Figure 5
0.8
1.4
V/ns
t5[7]
Skew
Output-output skew between related outputs
250
ps
t6[8]
Clock jitter
Peak-to-peak period jitter (see Figure 6)250
ps
t10
PLL lock time
0.30
3
ms
AC Electrical Characteristics
Parameter[4]
Name
Description
Min
Typ.
Max
Unit
Figure 3. Test Circuit
Figure 4. Duty Cycle Definition: DC = t2/t1
Figure 5. Rise and Fall Time Definitions
Figure 6. Peak-to-Peak Jitter
0.1
μF
VDD
0.1
μF
AVDD
CLK out
CLOAD
GND
OUTPUTS
VDDL
0.1
μF
t1
t2
CLK
50%
50%
t3
CLK
80%
20%
t4
CLK
t6
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com