Electronic Components Datasheet Search
  English  ▼

X  

LC78211 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # LC78211
Description  Analog Function Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC78211 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  LC78211 Datasheet HTML 1Page - Sanyo Semicon Device LC78211 Datasheet HTML 2Page - Sanyo Semicon Device LC78211 Datasheet HTML 3Page - Sanyo Semicon Device LC78211 Datasheet HTML 4Page - Sanyo Semicon Device LC78211 Datasheet HTML 5Page - Sanyo Semicon Device LC78211 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Electrical Characteristics at Ta = 25°C, VSS = 0 V
Equivalent Circuit Block Diagrams
No. 4817-3/6
LC78211, 78212, 78213
Parameter
Symbol
Conditions
min
typ
max
Unit
I = 1 mA, VDD – VEE = 12 V:
RON1
L1 to L8, R1 to R8, LCOM1 to LCOM4,
150
Ω
Analog switch on resistance
RCOM1 to RCOM4
I = 1 mA, VDD – VEE = 37 V:
RON2
L1 to L8, R1 to R8, LCOM1 to LCOM4,
70
Ω
RCOM1 to RCOM4
VIN = 1 Vrms, f = 1 kHz, VDD – VEE = 37 V:
THD1
L1 to L8, R1 to R8, LCOM1 to LCOM4,
0.0015
0.01
%
Total harmonic distortion
RCOM1 to RCOM4
VIN = 0.1 Vrms, f = 1 kHz, VDD – VEE = 37 V:
THD2
L1 to L8, R1 to R8, LCOM1 to LCOM4,
0.01
0.05
%
RCOM1 to RCOM4
VIN = 0 dBV, f = 10 kHz, VDD – VEE = 37 V:
Feedthrough
FTH
L1 to L8, R1 to R8, LCOM1 to LCOM4,
55
dB
RCOM1 to RCOM4
VIN = 0 dBV, f = 10 kHz, VDD – VEE = 37 V:
Crosstalk
CT
L1 to L8, R1 to R8, LCOM1 to LCOM4,
75
dB
RCOM1 to RCOM4
Input high level current
IIH
VI = 18.5 V: DI, CL, CE, S, RES
+10
µA
Input low level current
IIL
VI = 0 V: DI, CL, CE, S, RES
–10
µA
Analog switch leakage current
VI = VEE to VEE + 37 V:
(off state)
IOFF
L1 to L8, R1 to R8, LCOM1 to LCOM4,
–10
+10
µA
RCOM1 to RCOM4
Current drain
IDD
VDD
1.0
mA
Continued on next page.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com