Electronic Components Datasheet Search
  English  ▼

X  

LC78211 Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # LC78211
Description  Analog Function Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC78211 Datasheet(HTML) 5 Page - Sanyo Semicon Device

  LC78211 Datasheet HTML 1Page - Sanyo Semicon Device LC78211 Datasheet HTML 2Page - Sanyo Semicon Device LC78211 Datasheet HTML 3Page - Sanyo Semicon Device LC78211 Datasheet HTML 4Page - Sanyo Semicon Device LC78211 Datasheet HTML 5Page - Sanyo Semicon Device LC78211 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Pin Functions
Operation
1. Data Input Procedure
The LC78211, LC78212 and LC78213 are controlled by inputting specified data to the CL, DI and CE pins. The
input data consists of 12 bits, of which four bits are address and eight bits are data.
Bits correspond to the L1 to L8 and R1 to R8 analog switches, and a value of one turns the corresponding switch on,
and a value of zero turns it off.
0.........Off
1.........On
The address is used when the chip is connected to a shared bus. The data (address) that must be transmitted depends
on the S pin and the particular product as shown in the table below.
Note: The bit for switch eight in the LC78213 is a “don’t care” bit, that is it can be either 0 or 1 without affecting
chip function. This is because the LC78213 has two sets of seven (not eight) circuits.
No. 4817-5/6
LC78211, 78212, 78213
Pin
I/O
Internal equivalent circuit
Pin function
VDD, VSS, VEE
L1 to L8, R1 to R8,
LCOM1 to LCOM4,
RCOM1 to RCOM4
CL, DI, CE
S
RES
I
I
I
See the block diagram.
Power supply
Analog switch input and output
Serial data input (Schmitt buffer)
CL ..............Clock input
DI ...............Data input
CE .............Chip enable
Selection of one of two chips
The address is set to the values shown in the table below according to
the level input to the S pin.
Reset input
The states of the analog switches are undefined when power is first
applied. Setting this pin low will force all switches the off state.
Product
S pin
Address
level
A0
A1
A2
A3
LC78211
L
0
1
0
1
H
1
1
0
1
LC78212
L
0
0
1
1
H
1
0
1
1
LC78213
L
0
1
1
1
H
1
1
1
1
Product
S pin
Address
level
A0
A1
A2
A3
LC78211
L
0
1
0
1
H
1
1
0
1
LC78212
L
0
0
1
1
H
1
0
1
1
LC78213
L
0
1
1
1
H
1
1
1
1



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com