Electronic Components Datasheet Search
  English  ▼

X  

NJW1325 Datasheet(PDF) 13 Page - New Japan Radio

Part # NJW1325
Description  Multi Input Wide Band Video Interface with I2C Control
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJW1325 Datasheet(HTML) 13 Page - New Japan Radio

Back Button NJW1325 Datasheet HTML 9Page - New Japan Radio NJW1325 Datasheet HTML 10Page - New Japan Radio NJW1325 Datasheet HTML 11Page - New Japan Radio NJW1325 Datasheet HTML 12Page - New Japan Radio NJW1325 Datasheet HTML 13Page - New Japan Radio NJW1325 Datasheet HTML 14Page - New Japan Radio NJW1325 Datasheet HTML 15Page - New Japan Radio NJW1325 Datasheet HTML 16Page - New Japan Radio NJW1325 Datasheet HTML 17Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
Ver.0.3
NJW1325
-13 -
f)
BIT
No.
D7
D6
D5
D4
D3
D2
D1
D0
05H
YOUT1/
PBOUT1/
PROUT1
Mute
YOUT2/
PBOUT2/
PROUT2
Select
YOUT2/
PBOUT2/
PROUT2
Mute
YOUT3/
PBOUT3/
PROUT3
Gain
YOUT3/
PBOUT3/
PROUT3
Mute
YOUT4/
PBOUT4/
PROUT4
Gain
YOUT4/
PBOUT4/
PROUT4
Mute
-
• YOUT/PBOUT/PROUT SELECT TABLE
YOUT1/PBOUT1/
PROUT1 Mute
D7
Mute
0
Mute*
1
Through
*:Default Value
YOUT2/PBOUT2/
PROUT2 Select
D6
YOUT2
PBOUT2
PROUT2
0
“YOUT1,2select”
Select Signal *
“PBOUT1,2select”
Select Signal *
“PROUT1,2select”
Select Signal *
1
YIN5
PBIN5
PRIN5
*:Default Value
YOUT2/PBOUT2/
PROUT2 Mute
D5
Mute
0
Mute*
1
Through
*:Default Value
YOUT3/PBOUT3/
PROUT3 Gain
YOUT3/PBOUT3/
PROUT3 Mute
D4
Gain
D3
Mute
0
0dB*
0
Mute*
1
6dB
1
Through
*:Default Value
*:Default Value
YOUT4/PBOUT4/
PROUT4 Gain
YOUT4/PBOUT4/
PROUT4 Mute
D2
Gain
D1
Mute
0
0dB*
0
Mute*
1
6dB
1
Through
*:Default Value
*:Default Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com