Electronic Components Datasheet Search
  English  ▼

X  

NJW1325 Datasheet(PDF) 4 Page - New Japan Radio

Part # NJW1325
Description  Multi Input Wide Band Video Interface with I2C Control
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJW1325 Datasheet(HTML) 4 Page - New Japan Radio

  NJW1325 Datasheet HTML 1Page - New Japan Radio NJW1325 Datasheet HTML 2Page - New Japan Radio NJW1325 Datasheet HTML 3Page - New Japan Radio NJW1325 Datasheet HTML 4Page - New Japan Radio NJW1325 Datasheet HTML 5Page - New Japan Radio NJW1325 Datasheet HTML 6Page - New Japan Radio NJW1325 Datasheet HTML 7Page - New Japan Radio NJW1325 Datasheet HTML 8Page - New Japan Radio NJW1325 Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
Ver.0.3
NJW1325
-4 -
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX
UNIT
Maximum Output
Voltage
Vom
Input sine signal voltage (100kHz), THD=1%
2.4
-
-
Vp-p
Voltage Gain 1
Gv1
Input sine signal voltage (100kHz, 1.0Vp-p),
0dB mode
-0.5
0
0.5
dB
Voltage Gain 2
Gv2
Input sine signal voltage (100kHz, 1.0Vp-p),
4dB mode
3.5
4.0
4.5
dB
Voltage Gain 3
Gv3
Input sine signal voltage (100kHz, 1.0Vp-p),
6dB mode
5.5
6.0
6.5
dB
Frequency
Characteristic 1
Gf1
Input sine signal voltage (12MHz/100kHz,
1.0Vp-p), 6dB mode for V/SY/SC input
terminal
-3.0
0.0
-
dB
Frequency
Characteristic 2
Gf2
Input sine signal voltage (100MHz/100kHz,
1.0Vp-p), 6dB mode for Y/PB/PR input
terminal
-
-3.0
-
dB
Frequency
Characteristic 3
Gf3
Input sine signal voltage (150MHz/100kHz,
1.0Vp-p), 6dB mode for Y/PB/PR input
terminal
-
-3.0
-
dB
Cross Talk
between Input
terminals
CTI
Input sine signal voltage (3.58MHz, 1.0Vp-p)
-
-60
-50
dB
Differential Gain
DG
Input video signal voltage (1.0Vp-p, 10step)
-
0.5
-
%
Differential Phase
DP
Input video signal voltage (1.0Vp-p, 10step)
-
0.5
-
deg
Signal Detective
Voltage
Vdet
16kHz, 4.7µs, 1.0Vp-p Square pulse
-
200
-
mVp-p
Output/output
voltage difference
on mute mode
dVDo
On mute mode
-0.4
-
0.4
V
S/N ratio
SNv
Input White video signal voltage (1.0Vp-p,
100%), S/N ratio for V/SY/Y/PB/PR
input terminal
-
75
-
dB
Switch Change
Over Voltage
(H level)
VthH
2.0
-
VCC
V
Switch Change
Over Voltage
(L level)
VthL
0
-
1.0
V
Maximum inflow
current on Switch
ON
IthH
V=3.3V
-
-
120
µA
Maximum inflow
current on Switch
OFF
IthL
V=0.3V
-
-
8
µA
Low level Voltage
at EX Output
VEXL
0
-
0.4
V
Leak Current on
EX Output OFF
IEXoff
-
-
1
µA
MUTE CONTROL
L: MUTE ON
H: MUTE OFF
DUAL/SINGLE MUTE CONTROL
GND: Dual Supply Mode
VCC: Single Supply Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com