Electronic Components Datasheet Search
  English  ▼

X  

8487 Datasheet(PDF) 1 Page - Vectron International, Inc

Part # 8487
Description  Oven Controlled Crystal Oscillators
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

8487 Datasheet(HTML) 1 Page - Vectron International, Inc

  8487 Datasheet HTML 1Page - Vectron International, Inc 8487 Datasheet HTML 2Page - Vectron International, Inc 8487 Datasheet HTML 3Page - Vectron International, Inc 8487 Datasheet HTML 4Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Product Data Sheet
P/N’s 8465, 8466, 8487, 8488 & 8509
Features
12.800 MHz output frequency
Stability: Stratum 3 & Stratum 3E
Temperature Range: -40ºC to +85ºC
Aging: <4.0 ppm for 20 years
Package: 1.0“x 1.0”x 0.52“(25.4x25.4x13.2mm)
Output: HCMOS
Supply Voltage: +5 volts
For use with Semtech Chip ACS8510 SETS
SONET/SDH Network Timing Sources
Computer Telephony CT-BUS
The 8465, 8466, 8487, 8488 & 8509 have been
optimized to work with the Semtech Chip ACS8510
SETS to meet the requirements of Bell Core
specification GR-1244-CORE.
The 8465 & 8488 have been designed to meet the
Holdover requirements for a Stratum 3 Clock source as
called out in GR-1244-CORE, per Table 3-1 as
described in Sections 5.2 and 9.1 when used with
ACS8510 SETS.
The 8466, 8487 & 8509 have been designed to meet
the Holdover requirements for a Stratum 3E Clock
source as called out in GR-1244-CORE, per Table 3-1
as described in Sections 5.2 and 9.1 when used with
ACS8510 SETS.
Note: Other stability and output options are available.
technical information about additional Vectron OCXO’s
and Crystal Oscillators can be found on our web site
at: www.stratum3.com
Oven Controlled Crystal Oscillators


Similar Part No. - 8487

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8487 FILTRAN-8487 Datasheet
222Kb / 1P
ISDNS-Bus Input/Output Modules
logo
Littelfuse
8487 LITTELFUSE-8487 Datasheet
238Kb / 1P
STOPLAMP PUSH BUTTON SWITCHES
2019 Rev: 021219
logo
Heyco.
8487 HEYCO-8487 Datasheet
136Kb / 1P
Heyco-Flex™ Quick Twist Conduit Fittings
logo
FCI connector
84873-001 FCI-CONNECTOR-84873-001 Datasheet
132Kb / 2P
FIBER OPTIC ADAPTERS
84873-002 FCI-CONNECTOR-84873-002 Datasheet
132Kb / 2P
FIBER OPTIC ADAPTERS
More results

Similar Description - 8487

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
OC-290 VECTRON-OC-290 Datasheet
77Kb / 2P
Oven Controlled Crystal Oscillators
OC-050 VECTRON-OC-050 Datasheet
53Kb / 1P
Oven Controlled Crystal Oscillators
OC-260 VECTRON-OC-260 Datasheet
91Kb / 2P
Oven Controlled Crystal Oscillators
logo
Kyocera Kinseki Corpota...
OCVCXO-177A KSS-OCVCXO-177A Datasheet
419Kb / 1P
Oven Controlled Crystal Oscillators
logo
BOWEI Integrated Circui...
OX36D-H-MR-V@10M BOWEI-OX36D-H-MR-V@10M Datasheet
202Kb / 1P
Oven Controlled Crystal Oscillators
OX20 BOWEI-OX20 Datasheet
283Kb / 1P
Oven Controlled Crystal Oscillators
OX12 BOWEI-OX12 Datasheet
87Kb / 1P
Oven Controlled Crystal Oscillators
logo
Abracon Corporation
AOCJYR-10.000MHZ-M5625LF ABRACON-AOCJYR-10.000MHZ-M5625LF Datasheet
3Mb / 4P
Oven Controlled Crystal Oscillators
08.18.14
AOCJYR-20.000MHZ-M5627LF ABRACON-AOCJYR-20.000MHZ-M5627LF Datasheet
3Mb / 4P
Oven Controlled Crystal Oscillators
08.19.14
AOCJYR-24.576MHZ-M6069LF ABRACON-AOCJYR-24.576MHZ-M6069LF Datasheet
2Mb / 4P
Oven Controlled Crystal Oscillators
08.20.14
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com