Electronic Components Datasheet Search
  English  ▼

X  

8487 Datasheet(PDF) 2 Page - Vectron International, Inc

Part # 8487
Description  Oven Controlled Crystal Oscillators
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

8487 Datasheet(HTML) 2 Page - Vectron International, Inc

  8487 Datasheet HTML 1Page - Vectron International, Inc 8487 Datasheet HTML 2Page - Vectron International, Inc 8487 Datasheet HTML 3Page - Vectron International, Inc 8487 Datasheet HTML 4Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Part Number:
8465
(Stratum 3)
Frequency:
Stability vs Temperature:
vs Drift (24 hours):
Stability vs Supply:
±280 ppb
±40 ppb
±10 ppb
±1 ppb
Initial Accuracy @ +25ºC:
±1.5 ppm
Power Draw:
<5W peak at turn on, <1.25W stabilized @ +25ºC
Supply Voltage:
+5.0 Vdc ±5%
Output:
HCMOS
Symmetry (at 50% Vdd):
60/40 to 40/60, maximum
Rise/Fall Time (10-90%):
<10 nanoseconds
Short Term (Allan Variance):
1x10-11 / second
Thermal Shock:
-55ºC to +85ºC per MIL-STD-202 Method 107 Condition A
Seal:
MIL-STD-202, Method 112, Condition D
Phase Noise:
(TYPICAL)
Offset
Phase Noise
100 Hz
-130 dBc/Hz
1k Hz
-145 dBc/Hz
10k Hz
-150 dBc/Hz
100k Hz
-150 dBc/Hz
Shock:
30G, 11 ms per MIL-STD-202, Method 213, Condition J
Vibration - Sine:
MIL-STD-202, Method 204, Condition A except 5G to 500 Hz
Size:
1.00" x 1.00" x 0.52" (25.40mm x 25.40mm x 13.20mm )
8466
(Stratum 3E)
±2 ppb per % change in Voltage
Aging:
<4 ppm
for 20 years
<2 ppm
for 20 years
Operating Temp Range:
-40ºC to +85ºC
-40ºC to +85ºC
12.800 MHz
12.800 MHz
Storage Temperature:
-55oC to +85oC
±10 ppb
±1 ppb
8487
(Stratum 3E)
<2 ppm
for 20 years
0ºC to +70ºC
12.800 MHz
8488
(Stratum 3)
±280 ppb
±40 ppb
12.800 MHz
<4 ppm
for 20 years
0ºC to +70ºC
±10 ppb
±1 ppb
8
509
(Stratum 3E)
<2 ppm
for 20 years
-20ºC to +75ºC
12.800 MHz
Vectron International 267 Lowell Road, Hudson, NH 03051
Tel: 1-88-VECTRON-1
Fax: 1-888-FAX-VECTRON



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com