Electronic Components Datasheet Search
  English  ▼

X  

TFS321 Datasheet(PDF) 1 Page - Vectron International, Inc

Part # TFS321
Description  Application Note
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TFS321 Datasheet(HTML) 1 Page - Vectron International, Inc

  TFS321 Datasheet HTML 1Page - Vectron International, Inc TFS321 Datasheet HTML 2Page - Vectron International, Inc TFS321 Datasheet HTML 3Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Ltp: tft025
version 1.0
19.06.2001
VI TELEFILTER
Application Note
TFS 321
1/3
TELEFILTER GmbH
Potsdamer Straße 18
D 14 513 TELTOW / Germany
Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30
E-Mail:
tft@telefilter.com
VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is
assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.
1. General
The filter is symmetrical, i.e. input and output are exchangeable with each other. But the
external coupling coil has to be connected to pin 3 in any case.
The filter can be driven both, balanced and unbalanced. The current specification is valid only
for unbalanced use. Please contact us if the filter shall be used balanced at one or both ports.
The termination impedances are : 480
Ω || -1.6 pF
This impedance is equal for the input and the output. It has to be realized at the point were the
filter is mounted. To match this impedance to the impedance of the system a matching circuit
is required.
The matching elements have been chosen from the E12- series (European standard series with
fixed tolerances) to get the best agreement between the PCB measurement and the
measurement in a reference test fixture.
2. Theoretical matching
For the matching of termination impedances to 50 Ohm there can be used two different
matching circuits
50 Ohm Test circuit 1
1
5
2, 4, 6, 7, 8
SAW
C1
L1
C2
L2
L3
3
The theoretical values of the stated elements are:


Similar Part No. - TFS321

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS321 VECTRON-TFS321 Datasheet
156Kb / 5P
Filter Specification
More results

Similar Description - TFS321

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AN-236 AD-AN-236 Datasheet
164Kb / 3P
APPLICATION NOTE
AN-686 AD-AN-686 Datasheet
55Kb / 2P
APPLICATION NOTE
REV.0
logo
Vectron International, ...
TFS199D VECTRON-TFS199D_08 Datasheet
25Kb / 1P
Application Note
TFS211C VECTRON-TFS211C_03 Datasheet
40Kb / 2P
Application Note
TFS380K VECTRON-TFS380K Datasheet
28Kb / 1P
Application Note
TFS433K VECTRON-TFS433K_01 Datasheet
25Kb / 1P
Application Note
logo
International Rectifier
AN-1070 IRF-AN-1070 Datasheet
241Kb / 14P
Application Note
AN-1086 IRF-AN-1086 Datasheet
181Kb / 9P
Application Note
AN-1136 IRF-AN-1136 Datasheet
2Mb / 26P
Application Note
AN-983 IRF-AN-983 Datasheet
1Mb / 16P
Application Note
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com