Electronic Components Datasheet Search
  English  ▼

X  

TFS321 Datasheet(PDF) 2 Page - Vectron International, Inc

Part # TFS321
Description  Application Note
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TFS321 Datasheet(HTML) 2 Page - Vectron International, Inc

  TFS321 Datasheet HTML 1Page - Vectron International, Inc TFS321 Datasheet HTML 2Page - Vectron International, Inc TFS321 Datasheet HTML 3Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Ltp: tft025
version 1.0
19.06.2001
VI TELEFILTER
Application Note
TFS 321
2/3
TELEFILTER GmbH
Potsdamer Straße 18
D 14 513 TELTOW / Germany
Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30
E-Mail:
tft@telefilter.com
VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is
assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.
L1 = L2 = 72.6 nH, C1 = C2 = 1.43 pF, L3 = 175 nH
50 Ohm Test circuit 2
1
5
2, 4, 6, 7, 8
SAW
L1
C1
L2
C2
3
L3
The theoretical values of the stated elements are:
C1 = C2 = 3.38 pF, L1 = L2 = 53 nH, L3 = 175 nH
3. Matching on PCB
The theoretical matching was done without consideration of parasitics. The elements which
have to be used on the PCB are slightly different from the stated above.
For example for our PCB with 50
Ω test circuit 1 we had to split the serial inductors in two
elements to get identical results compared to our golden fixture using E12 series inductors.
L1 = 47 nH + 27 nH
L2 = 47 nH + 27 nH
C1 = C2 = 0 pF
L3 = 100 nH
All other components are 0
Ω jumpers.
But if the parasitics on the customer board (mentioned parasitics, additional parasitics of
active parts) are different to this PCB the matching elements have to be slightly adjusted.
Both in line and shunt elements change both pass band tilt and pass band ripple. But
- The in line coils mainly influences the pass band ripple a decrease of the inductance of the
in line coils will decrease pass band ripple or change a round pass band shape towards a
flat one



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com