Electronic Components Datasheet Search
  English  ▼

X  

MCP4716 Datasheet(PDF) 52 Page - Microchip Technology

Part # MCP4716
Description  8-/10-/12-Bit Voltage Output Digital-to-Analog Converter with EEPROM and I2C Interface
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4716 Datasheet(HTML) 52 Page - Microchip Technology

Back Button MCP4716 Datasheet HTML 48Page - Microchip Technology MCP4716 Datasheet HTML 49Page - Microchip Technology MCP4716 Datasheet HTML 50Page - Microchip Technology MCP4716 Datasheet HTML 51Page - Microchip Technology MCP4716 Datasheet HTML 52Page - Microchip Technology MCP4716 Datasheet HTML 53Page - Microchip Technology MCP4716 Datasheet HTML 54Page - Microchip Technology MCP4716 Datasheet HTML 55Page - Microchip Technology MCP4716 Datasheet HTML 56Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 86 page
background image
MCP4706/4716/4726
DS22272A-page 52
© 2011 Microchip Technology Inc.
6.3
Write All Memory
(C2:C0 = ‘011’)
This write command is used to update the volatile and
nonvolatile (EEPROM) DAC Register value and
configuration bits. Figure 6-3 shows an example of this
write command.
•VOUT update: At the falling edge of the
Acknowledge pulse of the 4th byte.
• EEPROM update: At the falling edge of the
Acknowledge pulse of the 4th byte.
The DAC register and Power-down configuration bits
(volatile and EEPROM) are updated with the written
date at the completion of the ACK bit (falling edge of
SCL). The EEPROM memory requires time (TWC) for
the values to be written. Another Write All memory
command should not be issued until the EEPROM
write is complete.
Write commands which only update volatile memory
(C2:C0 = ‘00x’ or ‘010’) can be issued. Read
commands and the General Call commands may not
be issued.
FIGURE 6-3:
Write All Memory Command.
Note:
RDY/BSY bit toggles to “low” and back to
“high”
after
the
EEPROM
write
is
completed. The state of the RDY/BSY bit
can be monitored by a read command.
Device Addressing
Data bits (8 bits) (3rd byte)
Note 1: The device updates VOUT at the falling edge of the SCL at the end of this ACK pulse.
Note 1
2: The 2nd - 4th bytes can be repeated after the 4th byte by continued clocking before issuing Stop bit.
Command
3: ACK bit generated by MCP47X6.
Note 2
b15 b14 b13 b12 b11 b10 b09 b08 b07 b06 b05 b04 b03 b02 b01 b00
MCP4726
D11 D10 D09 D08 D07 D06 D05 D04 D03 D02 D01 D00
X
X
X
X
MCP4716
D09 D08 D07 D06 D05 D04 D03 D02 D01 D00
X
X
X
X
X
X
MCP4706
D07 D06 D05 D04 D03 D02 D01 D00
X
X
X
X
X
X
X
X
SDA
SCL
A2 A1 A0
1
1
00
00
01
PD1 PD0
G
0 b15 b14 b13 b12 b11 b10 b09 b08
0
Ref.
Data bits (16 bits) (3rd + 4th bytes)
Start bit
ACK bit (3)
Read/Write bit (Write)
Stop bit
S
A
R/W
A
A
Power
bits
Down
bits
ACK bit (3)
ACK bit (3)
Legend:
X = don’t care
D11:D00 = 12-bit data for MCP4726 device
D09:D00 = 10-bit data for MCP4716 device
D07:D00 = 8-bit data for MCP4706 device
1
VREF1
VREF0
Data bits (8 bits) (4th byte)
b07 b06 b05 b04 b03 b02 b01 b00
0
A
P
ACK bit (3)
Voltage
Select
bits
Gain
bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com