Electronic Components Datasheet Search
  English  ▼

X  

MCP4716 Datasheet(PDF) 67 Page - Microchip Technology

Part # MCP4716
Description  8-/10-/12-Bit Voltage Output Digital-to-Analog Converter with EEPROM and I2C Interface
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4716 Datasheet(HTML) 67 Page - Microchip Technology

Back Button MCP4716 Datasheet HTML 63Page - Microchip Technology MCP4716 Datasheet HTML 64Page - Microchip Technology MCP4716 Datasheet HTML 65Page - Microchip Technology MCP4716 Datasheet HTML 66Page - Microchip Technology MCP4716 Datasheet HTML 67Page - Microchip Technology MCP4716 Datasheet HTML 68Page - Microchip Technology MCP4716 Datasheet HTML 69Page - Microchip Technology MCP4716 Datasheet HTML 70Page - Microchip Technology MCP4716 Datasheet HTML 71Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 86 page
background image
© 2011 Microchip Technology Inc.
DS22272A-page 67
MCP4706/4716/4726
8.5
Selectable Gain and Offset Bipolar
Voltage Output
In some applications, precision digital control of the
output range is desirable. Example 8-6 illustrates how
to use the DAC devices to achieve this in a bipolar or
single-supply application.
This circuit is typically used for linearizing a sensor
whose slope and offset varies.
The equation to design a bipolar “window” DAC would
be utilized if R3, R4 and R5 are populated.
8.5.1
BIPOLAR DAC EXAMPLE USING
MCP4726
An output step size of 1 mV, with an output range of
±2.05V, is desired for a particular application.
Step 1: Calculate the range: +2.05V – (-2.05V) = 4.1V.
Step 2: Calculate the resolution needed:
4.1V/1 mV = 4100
Since 212 = 4096, 12-bit resolution is desired.
Step 3: The amplifier gain (R2/R1), multiplied by
full-scale VOUT (4.096V), must be equal to the
desired minimum output
to
achieve bipolar
operation. Since any gain can be realized by
choosing resistor values (R1+R2), the VREF value
must be selected first. If a VREF of 4.096V is used,
solve for the amplifier’s gain by setting the DAC to
0, knowing that the output needs to be -2.05V.
The equation can be simplified to:
Step 4: Next, solve for R3 and R4 by setting the DAC to
4096, knowing that the output needs to be +2.05V.
Figure 8-6 (C1 = 0.1uF)
FIGURE 8-6:
Bipolar Voltage Source with
Selectable Gain and Offset.
EQUATION 8-4:
VOUT, VOA+, AND VO
CALCULATIONS
EQUATION 8-5:
BIPOLAR “WINDOW” DAC
USING R4 AND R5
R
2
–
R
1
---------
2.05
–
4.096V
-----------------
=
If R1 = 20 kΩ and R2 = 10 kΩ, the gain will be 0.5.
R
2
R
1
------
1
2
---
=
R
4
R
3
R
4
+
()
------------------------
2.05V
0.5 4.096V
⋅
()
+
1.5 4.096V
⋅
-------------------------------------------------------
2
3
---
==
If R4 = 20 kΩ, then R3 = 10 kΩ
R3
VCC+
VCC–
VOUT
I2C™
2-wire
VREF
Optional
MCP4726
VDD
R2
VO
VIN
R1
R4
C1
R5
Optional
VOA+
VCC+
VCC–
Offset Adjust
Gain Adjust
VOUT = VREF • G •
DAC Register Value
2N
VOA+ =
VOUT • R4 + VCC- • R5
R3 + R4
VO = VOA+ • ( 1 +
) - VIN • (
)
R2
R1
R2
R1
Thevenin
Equivalent
V
45
V
CC+R4
V
CC-R5
+
R
4
R
5
+
---------------------------------------------
=
V
IN+
V
OUTR45
V
45R3
+
R
3
R
45
+
---------------------------------------------
=
R
45
R
4R5
R
4
R
5
+
-------------------
=
V
O
V
IN+ 1
R
2
R
1
------
+
⎝⎠
⎛⎞
V
A
R
2
R
1
------
⎝⎠
⎛⎞
–
=
Offset Adjust Gain Adjust



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com