Electronic Components Datasheet Search
  English  ▼

X  

MCP4726 Datasheet(PDF) 56 Page - Microchip Technology

Part # MCP4726
Description  8-/10-/12-Bit Voltage Output Digital-to-Analog Converter with EEPROM and I2C Interface
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4726 Datasheet(HTML) 56 Page - Microchip Technology

Back Button MCP4726 Datasheet HTML 52Page - Microchip Technology MCP4726 Datasheet HTML 53Page - Microchip Technology MCP4726 Datasheet HTML 54Page - Microchip Technology MCP4726 Datasheet HTML 55Page - Microchip Technology MCP4726 Datasheet HTML 56Page - Microchip Technology MCP4726 Datasheet HTML 57Page - Microchip Technology MCP4726 Datasheet HTML 58Page - Microchip Technology MCP4726 Datasheet HTML 59Page - Microchip Technology MCP4726 Datasheet HTML 60Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 86 page
background image
MCP4706/4716/4726
DS22272A-page 56
© 2011 Microchip Technology Inc.
6.6
I2C General Call Commands
The device acknowledges the general call address
command (0x00 in the first byte). The meaning of the
general call address is always specified in the second
byte. The I2C specification does not allow “00000000”
(00h) in the second byte. Please refer to the Phillips I2C
document for more details on the General Call
specifications.
The MCP47X6 devices support the following I2C
general calls:
• General Call Reset
• General Call Wake-Up
6.6.1
GENERAL CALL RESET
The device performs General Call Reset if the second
byte is “00000110” (06h). At the acknowledgement of
this byte, the device will abort the current conversion
and perform the following tasks:
• Internal reset similar to a Power-On-Reset (POR).
The contents of the EEPROM are loaded into the
DAC registers and analog output is available
immediately.
• This is a similar event to the POR. The VOUT will
be available immediately, but after a short time
delay following the Acknowledgement pulse. The
VOUT value is determined by the EEPROM
contents.
This command allows multiple MCP47X6 devices to be
reset synchronously.
FIGURE 6-7:
General Call Reset Command.
General Call Address
Note 1: At the falling edge of the SCL at the end of this ACK pulse a reset occurs (startup timer starts and DAC register latched).
Note 1
2: The 2nd byte can be repeated after the 2nd by continued clocking before issuing Stop bit.
General Call Reset Command
3: ACK bit generated by MCP47X6.
Note 2
SDA
SCL
00
0
0
0
00
00
00
0
Start bit
ACK bit (3)
Read/Write bit (Write)
Stop bit
S
A
R/W
A
ACK bit (3)
0
P
00
1
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com