Electronic Components Datasheet Search
  English  ▼

X  

LC78833 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # LC78833
Description  Digital Audio 16-Bit D/A Converter with Built-In Digital Filters
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC78833 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  LC78833 Datasheet HTML 1Page - Sanyo Semicon Device LC78833 Datasheet HTML 2Page - Sanyo Semicon Device LC78833 Datasheet HTML 3Page - Sanyo Semicon Device LC78833 Datasheet HTML 4Page - Sanyo Semicon Device LC78833 Datasheet HTML 5Page - Sanyo Semicon Device LC78833 Datasheet HTML 6Page - Sanyo Semicon Device LC78833 Datasheet HTML 7Page - Sanyo Semicon Device LC78833 Datasheet HTML 8Page - Sanyo Semicon Device LC78833 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Block Diagram
DC characteristics at Ta = –30 to 75°C, VDD = 3.0 to 5.5 V, VSS = 0 V
Note: * Pins in parentheses apply to the LC78833V.
AC Characteristics at Ta = –30 to 75°C, VDD = 3.0 to 5.5 V, VSS = 0 V
No. 5212-3/11
LC78833M, 78833V
Parameter
Symbol
Conditions
min
typ
max
Unit
Input high-level voltage (1)
VIH1
Pins 5, 6, 7, 12, 13, and 14 (pins 6, 7, 8, 14, 16, and 17)*
2.2
V
Input low-level voltage (1)
VIL1
Pins 5, 6, 7, 12, 13, and 14 (pins 6, 7, 8, 14, 16, and 17)*
0.8
V
Input high-level voltage (2)
VIH2
Pin 8 (pin 9)*
0.7 VDD
V
Input low-level voltage (2)
VIL2
Pin 8 (pin 9)*
0.3 VDD
V
Output high-level voltage
VOH
Pin 9 (pin 11)*: IOH = –3 mA
2.4
V
Output low-level voltage
VOL
Pin 9 (pin 11)*: IOL = 3 mA
0.4
V
Input leakage current
IL
Pins 5, 6, 7, 8, 12, 13, and 14
–25
+25
µA
(pins 6, 7, 8, 9, 14, 16, and 17)*: VI = VSS, VDD
Parameter
Symbol
Conditions
min
typ
max
Unit
Clock pulse width
tCW
25
ns
Clock pulse period
tCY
50
1000
ns
BCLK pulse width
tBCW
60
ns
BCLK pulse period
tBCY
120
ns
Data setup time
tDS
40
ns
Data hold time
tDH
40
ns
LRCK setup time
tLRS
40
ns
LRCK hold time
tLRH
40
ns
BCLK rise time
tBr
40
ns
BCLK fall time
tBf
40
ns
SYSCLK rise time
tSr
20
ns
SYSCLK fall time
tSf
20
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com