Electronic Components Datasheet Search
  English  ▼

X  

LC78833 Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # LC78833
Description  Digital Audio 16-Bit D/A Converter with Built-In Digital Filters
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC78833 Datasheet(HTML) 5 Page - Sanyo Semicon Device

  LC78833 Datasheet HTML 1Page - Sanyo Semicon Device LC78833 Datasheet HTML 2Page - Sanyo Semicon Device LC78833 Datasheet HTML 3Page - Sanyo Semicon Device LC78833 Datasheet HTML 4Page - Sanyo Semicon Device LC78833 Datasheet HTML 5Page - Sanyo Semicon Device LC78833 Datasheet HTML 6Page - Sanyo Semicon Device LC78833 Datasheet HTML 7Page - Sanyo Semicon Device LC78833 Datasheet HTML 8Page - Sanyo Semicon Device LC78833 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Pin Functions
No. 5212-5/11
LC78833M, 78833V
Pin No.
Pin
Description
LC78833M
LC78833V
1
1
CH1OUT
Channel 1 analog output
2
2
REFH
High-level reference voltage
Normally connected to AGND through a capacitor.
—
3
NC
No connection
3
4
Vref H
High-level reference voltage input
4
5
AVDD
Analog system power supply
5
6
LRCK
LR clock input
A high level specifies channel 1 and a low level channel 2.
6
7
DATA
Digital audio data input
Accepts data in a two’s complement MSB first format.
7
8
BCLK
Bit clock input
8
9
SYSCLK
System clock input (384fs)
—
10
NC
No connection
9
11
CKOUT
System clock output (384fs)
10
12
DVDD
Digital system power supply
11
13
TSTOUT
Test output
12
14
TST
Test output
This pin must be connected to DGND in normal operation.
—
15
NC
No connection
De-emphasis filter on/off control input
13
16
EMP
A high level specifies on and a low level off.
This function supports a sampling frequency fs of 44.1 kHz.
14
17
INITB
Initialization input. A low level input to this pin initializes the IC.
15
18
DGND
Digital system ground
16
19
REFL
Low-level reference voltage
Normally connected to AGND through a capacitor.
17
20
AGND
Analog system power supply
18
21
Vref L
Low-level reference voltage input
—
22
NC
No connection
19
23
NC
No connection
20
24
CH2OUT
Channel 2 analog output



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com