Electronic Components Datasheet Search
  English  ▼

X  

LC82102 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LC82102
Description  Image-Processing LSI for Fax, Copier and OCR Products
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC82102 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LC82102 Datasheet HTML 1Page - Sanyo Semicon Device LC82102 Datasheet HTML 2Page - Sanyo Semicon Device LC82102 Datasheet HTML 3Page - Sanyo Semicon Device LC82102 Datasheet HTML 4Page - Sanyo Semicon Device LC82102 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
CMOS LSI
Ordering number : EN*5155
91195HA (OT) No. 5155-1/5
Preliminary
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Image-Processing LSI
for Fax, Copier and OCR Products
LC82102, LC82102W
Overview
The LC82102 and LC82102W convert analog video
signals from CCD or contact image sensors to high-
quality binary video data. The LC82102/W converts the
input analog data to multi-valued data and uses two-
dimensional filtering and an error diffusion technique that
produces high-quality images to produce a two-valued
image. Finally, the LC82102 reduces the image in the
main and subsidiary scan directions. The LC82102
requires absolutely no external memory since it limits the
number of pixels processed to 2040 per line. This LSI can
implement the image processing used by FAX, copier and
OCR products.
Features
• Number of pixels processed: 2040 pixels/line
• Processing speed: 500 ns/pixel maximum (when the
CLKIN input frequency is 32 MHz)
• Built-in 8-bit A/D converter (includes a sensor signal
delay adjustment function)
• Built-in 6-bit D/A converter for setting the A/D
converter high reference potential
• Sensor drive circuit (supports CCD and all CIS types)
• Digital clamp (single-point clamp, even/odd clamp)
• Distortion correction (white correction: 8-pixel
averaging correction, black correction: black correction
subtraction data setting)
• Gamma correction (supports user-defined curves)
• Simple binary-conversion processing (fixed threshold
level, density-adaptive threshold level)
• Intermediate processing error diffusion (64 levels)
• Image reduction (thinning, fine black line retaining, fine
white line retaining)
• Single-voltage 5 V supply and low power due to CMOS
process fabrication
Package Dimensions
unit: mm
3159-QFP64E
unit: mm
3190-SQFP64
SANYO: SQFP64
[LC82102W]
[LC82102]
SANYO: QIP64E


Similar Part No. - LC82102

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC82101 SANYO-LC82101 Datasheet
76Kb / 5P
Image Processing Circuit for FAX, Copier, and OCR Products
LC82103 SANYO-LC82103 Datasheet
74Kb / 5P
Image-Processing LSI for Facsimile, Copier, and OCR Applications
LC821031 SANYO-LC821031 Datasheet
68Kb / 5P
Image-Processing IC for Facsimile, Copier, and OCR Products
LC82104 SANYO-LC82104 Datasheet
57Kb / 6P
Color Image Processing IC for Fax and Scanner Applications
More results

Similar Description - LC82102

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MN86074 PANASONIC-MN86074 Datasheet
47Kb / 7P
Image Processing LSI
logo
Sanyo Semicon Device
LC82101 SANYO-LC82101 Datasheet
76Kb / 5P
Image Processing Circuit for FAX, Copier, and OCR Products
LC82103 SANYO-LC82103 Datasheet
74Kb / 5P
Image-Processing LSI for Facsimile, Copier, and OCR Applications
LC821031 SANYO-LC821031 Datasheet
68Kb / 5P
Image-Processing IC for Facsimile, Copier, and OCR Products
LC82104 SANYO-LC82104 Datasheet
57Kb / 6P
Color Image Processing IC for Fax and Scanner Applications
LC8211 SANYO-LC8211 Datasheet
142Kb / 7P
Halftone Processing IC for Fax, Copier and Scanner
LC99062-W50 SANYO-LC99062-W50 Datasheet
184Kb / 7P
Image Sensor Signal Processing LSI?
logo
Rohm
IA2008-MB82A ROHM-IA2008-MB82A Datasheet
56Kb / 4P
Monochrome image sensor heads for FAX
IA2008-MB90A ROHM-IA2008-MB90A Datasheet
53Kb / 4P
Monochrome image sensor heads for FAX
logo
Toshiba Semiconductor
TCD1209DG TOSHIBA-TCD1209DG Datasheet
177Kb / 2P
2048-elements, for optical character reader(OCR) and fax machines
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com