Electronic Components Datasheet Search
  English  ▼

X  

LC82102 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # LC82102
Description  Image-Processing LSI for Fax, Copier and OCR Products
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC82102 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  LC82102 Datasheet HTML 1Page - Sanyo Semicon Device LC82102 Datasheet HTML 2Page - Sanyo Semicon Device LC82102 Datasheet HTML 3Page - Sanyo Semicon Device LC82102 Datasheet HTML 4Page - Sanyo Semicon Device LC82102 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Continued from preceding page.
Type: I: Input pin, O: Output pin, B: Bidirectional pin, P: Power supply pin, NC: No connection
No. 5155-4/5
LC82102, LC82102W
Pin No.
Symbol
I/O
Function
21
WR
I
CPU interface write signal
22
RD
I
CPU interface read signal
23
ME
I
CPU interface memory enable signal
24
DVDD
P
Digital system power supply
25
CLKIN
I
System clock input
26
TEST
I
Test pin (Connect to ground in normal use.)
27
IOE
I
CPU interface I/O enable signal
28
MCS
I
CPU interface memory chip select signal
29
IOCS
I
CPU interface I/O chip select signal
30
ICLK
I
External sampling point signal input
31
TRIG
I
External trigger signal input
32
RESET
I
System reset
33
SAMP/LININT
O
A/D converter sampling point monitor signal output/LINE signal output
34
AP3
O
General-purpose analog ports
35
AP2
O
36
AGND
P
Digital system ground
37
ADREFL
I
A/D converter low reference voltage
38
DAREFL
I
D/A converter low reference voltage
39
AIN
I
Sensor signal input
40
TEMP
I
Temperature signal input
41
ATAP
O
Intermediate analog connection
42
DAREFH
I
D/A converter high reference voltage
43
AVDD
P
Analog system power supply
44
AP1
O
General-purpose analog ports
45
AP0
O
46
AGND
P
Analog system ground
47
PD7/SD
B
DMA output/serial data output
48
PD6/SDCK
B
DMA output/serial data transfer clock
49
DGND
P
Digital system ground
50
PD5/SDE
B
DMA output/serial data output valid signal
51
PD4/PP4
B
52
PD3/PP3
B
53
PD2/PP2
B
DMA output/general-purpose I/O ports
54
PD1/PP1
B
55
PD0/PP0
B
56
DVDD
P
Digital system power supply
57
DACK/PP5
B
DMA data acknowledge signal input/general-purpose I/O port
58
DREQ/PP5
B
DMA data request signal output/general-purpose I/O port
59
MTP/PP7
B
Motor drive timing signal output/general-purpose I/O port
60
CLK2
O
61
CLK1
O
Sensor drive signal output
62
RS
O
63
SH
O
64
DGND
P
Digital system ground



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com