Electronic Components Datasheet Search
  English  ▼

X  

87502 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # 87502
Description  874.55MHz SAW Filter 9MHz Bandwidth
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

87502 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  87502 Datasheet HTML 1Page - SIPAT Co,Ltd 87502 Datasheet HTML 2Page - SIPAT Co,Ltd 87502 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Tel: +86-23-62808818
Fax: +86-23-62808382
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LBT87502
Rev. Date
2008-07-29
SIPAT Co., Ltd.
( CETC No.26 Research Institute )
#14 Nanping Huayuan Road,
Chongqing, China, 400060
Ver.
1.0
Page 1/3
C
Ch
hiin
na
a E
Elle
eccttrro
on
niiccss T
Te
ecch
hn
no
ollo
og
gyy G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
esse
ea
arrcch
h IIn
nssttiittu
utte
e
874.55MHz SAW Filter
9MHz Bandwidth
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
Part Number: LBT87502
Features
For RF SAW filter
Single-ended operation
Ceramic Surface Mount Package
Small size
No matching required for operation at 50Ω
RoHS compliant (2002/95/EC), Pb-free
Specifications
Parameter
Unit
Minimum
Typical
Maximum
Center Frequency
MHz
-
874.55
-
Insertion Loss
dB
-
1.7
3.5
1.5 dB Bandwidth
MHz
9.2
15.12
-
Passband Variation(870~879.1MHz)
dB
-
0.4
1.5
Absolute Delay
usec
-
0.06
-
Input/Output VSWR(870~879.1MHz)
-
-
1.27/1.22
2.5
0~850MHz
dB
35
44
-
850~859MHz
dB
10
40
-
888~893MHz
dB
10
12
-
893~902MHz
dB
30
32
-
Ultimate Rejection
902~2000MHz
dB
34
39
-
Material Temperature coefficient
KHz/°C
-27.99
Substrate Material
-
42LT
Ambient Temperature
°C
25
Operating Temperature Range
°C
-40
-
+85
Storage Temperature Range
°C
-45
-
+105
DC Voltage
V
0
Input Power
dBm
-
-
10
ESD Class
-
1A
Package Size
SMD3.8*3.8
Notes:
1.
All specifications are based on the test circuit shown;
2.
In production, all specifications are measured by Agilent Network analyzer and full 2 port calibration at room
temperature;
3.
Electrical margin has been built into the design to account for the variations due to temperature drift and
manufacturing tolerances;
4.
This is the optimum impedance in order to achieve the performance show.


Similar Part No. - 87502

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
8750 BELDEN-8750 Datasheet
159Kb / 2P
Electronic, 27 Pr #22 Str TC, PVC Ins, PVC Jkt, CMG
05-05-2023
logo
Christian Bürkert GmbH ...
8750 BURKERT-8750 Datasheet
1Mb / 16P
Flow rate controller for gases
02.11.2021
logo
Belden Inc.
8750.0601000 BELDEN-8750.0601000 Datasheet
159Kb / 2P
Electronic, 27 Pr #22 Str TC, PVC Ins, PVC Jkt, CMG
05-05-2023
logo
Wurth Elektronik GmbH &...
875015019003 WURTH-875015019003 Datasheet
462Kb / 8P
WCAP-PHGP Aluminum Polymer Capacitors
001.000
875015019004 WURTH-875015019004 Datasheet
559Kb / 9P
WCAP-PHGP Aluminum Polymer Capacitors
003.000
More results

Similar Description - 87502

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBN70A21 SIPAT-LBN70A21 Datasheet
281Kb / 3P
70MHz SAW Filter 9MHz Bandwidth
LBT20004 SIPAT-LBT20004 Datasheet
146Kb / 3P
200MHz SAW Filter 9MHz Bandwidth
LBT24002 SIPAT-LBT24002 Datasheet
141Kb / 3P
240MHz SAW Filter 9MHz Bandwidth
LBT45603 SIPAT-LBT45603 Datasheet
190Kb / 3P
455.9MHz SAW Filter 9MHz Bandwidth
LBN11566 SIPAT-LBN11566 Datasheet
193Kb / 3P
115MHz SAW Filter 9MHz Bandwidth
LBT83002 SIPAT-LBT83002 Datasheet
198Kb / 3P
830.05MHz SAW Filter 9MHz Bandwidth
LBT70A73 SIPAT-LBT70A73 Datasheet
151Kb / 3P
70MHz SAW Filter 9MHz Bandwidth
LBT11567 SIPAT-LBT11567 Datasheet
150Kb / 3P
115MHz SAW Filter 9MHz Bandwidth
LBT24002 SIPAT-LBT24002 Datasheet
147Kb / 3P
240MHz SAW Filter 9MHz Bandwidth
LBT87502 SIPAT-LBT87502 Datasheet
197Kb / 3P
874.55MHz SAW Filter 9MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com