Electronic Components Datasheet Search
  English  ▼

X  

87502 Datasheet(PDF) 3 Page - SIPAT Co,Ltd

Part # 87502
Description  874.55MHz SAW Filter 9MHz Bandwidth
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

87502 Datasheet(HTML) 3 Page - SIPAT Co,Ltd

  87502 Datasheet HTML 1Page - SIPAT Co,Ltd 87502 Datasheet HTML 2Page - SIPAT Co,Ltd 87502 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Tel: +86-23-62808818
Fax: +86-23-62808382
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LBT87502
Rev. Date
2008-07-29
SIPAT Co., Ltd.
( CETC No.26 Research Institute )
#14 Nanping Huayuan Road,
Chongqing, China, 400060
Ver.
1.0
Page 3/3
C
Ch
hiin
na
a E
Elle
eccttrro
on
niiccss T
Te
ecch
hn
no
ollo
og
gyy G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
esse
ea
arrcch
h IIn
nssttiittu
utte
e
874.55MHz SAW Filter
9MHz Bandwidth
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
Part Number: LBT87502
Typical Performance
Frequency Respond
Passband Respond
780
800
820
840
860
880
900
920
940
960
-91.7255
-81.7255
-71.7255
-61.7255
-51.7255
-41.7255
-31.7255
-21.7255
-11.7255
-1.7255
8.2745
Type Performance
Frequency(MHz)
860
865
870
875
880
885
890
895
-4.2255
-3.7255
-3.2255
-2.7255
-2.2255
-1.7255
-1.2255
-0.7255
-0.2255
Type Performance
Frequency(MHz)
Horizontal: 20MHz/Div
Vertical: 10dB/Div
Horizontal: 5MHz/Div
Vertical: 0.5dB/Div
Group Delay Variation(f0±4.5MHz)
Phase Linearity(f0±4.5MHz)
866
868
870
872
874
876
878
880
882
884
-100
-50
0
50
100
150
200
X: 874.5
Y: 53.43
Type Performance
Frequency(MHz)
X: 879
Y: 55.09
X: 870
Y: 72.74
866
868
870
872
874
876
878
880
882
884
-50
-40
-30
-20
-10
0
10
20
30
40
X: 879
Y: 2.91
Type Performance
Frequency(MHz)
X: 870
Y: 2.482
X: 874.5
Y: -2.525
Horizontal: 2MHz/Div
Vertical: 50ns/Div
Horizontal: 2MHz/Div
Vertical: 10deg/Div
Smith Chart S11
Smith Chart S22
+j0.2
-j0.2
+j0.5
-j0.5
+j1.0
-j1.0
+j2.0
-j2.0
+j5.0
-j5.0
0.0
∞
+j0.2
-j0.2
+j0.5
-j0.5
+j1.0
-j1.0
+j2.0
-j2.0
+j5.0
-j5.0
0.0
∞



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com