Electronic Components Datasheet Search
  English  ▼

X  

88203 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # 88203
Description  881.5MHz SAW Filter 25MHz Bandwidth
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

88203 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  88203 Datasheet HTML 1Page - SIPAT Co,Ltd 88203 Datasheet HTML 2Page - SIPAT Co,Ltd 88203 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Tel: +86-23-62808818
Fax: +86-23-62808382
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LBT88203
Rev. Date
2009-10-15
SIPAT Co., Ltd.
( CETC No.26 Research Institute )
#14 Nanping Huayuan Road,
Chongqing, China, 400060
Ver.
1.0
Page 1/3
C
Ch
hiin
na
a E
Elle
eccttrro
on
niiccss T
Te
ecch
hn
no
ollo
og
gyy G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
esse
ea
arrcch
h IIn
nssttiittu
utte
e
881.5MHz SAW Filter
25MHz Bandwidth
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
Part Number: LBT88203
Features
For RF SAW filter
Single-ended operation
Ceramic Surface Mount Package
Small size
No matching required for operation at 50Ω
RoHS compliant (2002/95/EC), Pb-free
Specifications
Parameter
Unit
Minimum
Typical
Maximum
Center Frequency
MHz
-
881.5
-
Insertion Loss(869~894MHz)
dB
-
2.4
3.5
3 dB Bandwidth
MHz
-
37.6
-
Passband variation(869~894MHz)
dB
-
0.8
1.5
10~779MHz
dB
45
55
-
779~849MHz
dB
40
45
-
914~970MHz
dB
20
31
970~1049MHz
dB
45
52
Ultimate Rejection
1049~2000MHz
dB
35
38
-
Material Temperature coefficient
KHz/°C
-28.2
Substrate Material
-
42LT
Ambient Temperature
°C
25
Operating Temperature Range
°C
-10
-
+65
Storage Temperature Range
°C
-40
-
+85
DC Voltage
V
0
Input Power
dBm
-
-
10
ESD Class
-
1A
Package Size
SMD3.0*3.0
Notes:
1.
All specifications are based on the test circuit shown;
2.
In production, all specifications are measured by Agilent Network analyzer and full 2 port calibration at room
temperature;
3.
Electrical margin has been built into the design to account for the variations due to temperature drift and
manufacturing tolerances;
4.
This is the optimum impedance in order to achieve the performance show.


Similar Part No. - 88203

ManufacturerPart #DatasheetDescription
logo
Omega Engineering, Inc.
88203 OMEGA-88203 Datasheet
6Mb / 5P
Unique Surface Probes
More results

Similar Description - 88203

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SP88201 ETC-SP88201 Datasheet
545Kb / 8P
881.5MHz RF SAW Filter 25MHz Bandwidth
logo
SIPAT Co,Ltd
LBN07702 SIPAT-LBN07702 Datasheet
142Kb / 3P
76.8MHz SAW Filter 25MHz Bandwidth
LBN09610 SIPAT-LBN09610 Datasheet
148Kb / 3P
96MHz SAW Filter 25MHz Bandwidth
SP88201 SIPAT-SP88201 Datasheet
545Kb / 8P
881.5MHz RF SAW Filter 25MHz Bandwidth
LBN14047 SIPAT-LBN14047_10 Datasheet
150Kb / 3P
140MHz SAW Filter 25MHz Bandwidth
LBT83704 SIPAT-LBT83704 Datasheet
128Kb / 3P
836.5MHz SAW Filter 25MHz Bandwidth
LBT88203 SIPAT-LBT88203 Datasheet
195Kb / 3P
881.5MHz SAW Filter 25MHz Bandwidth
LBT88204 SIPAT-LBT88204 Datasheet
358Kb / 3P
881.5MHz SAW Filter 25MHz Bandwidth
logo
TAI-SAW TECHNOLOGY CO.,...
TA1689A TAI-SAW-TA1689A Datasheet
237Kb / 9P
SAW Filter 881.5MHz 25MHz BW SMD 1.4X1.1 mm
TA1690A TAI-SAW-TA1690A Datasheet
235Kb / 9P
SAW Filter 881.5MHz 25MHz BW SMD 1.1X0.9 mm
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com